Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP14UCPB Datasheet (PDF) - StarTech.com Ltd.

CDP2DP14UCPB Datasheet PDF - StarTech.com Ltd.
Part # CDP2DP14UCPB
Download  CDP2DP14UCPB Download
File Size   133.0 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible

CDP2DP14UCPB Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2DP14UCPB Datasheet PDF - StarTech.com Ltd.

Part # CDP2DP14UCPB
Download  CDP2DP14UCPB Click to download

File Size   133.0 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible

CDP2DP14UCPB Datasheet (HTML) - StarTech.com Ltd.


CDP2DP14UCPB Product details

Applications
• Stream lifelike 8K video to a DisplayPort 1.4 monitor, projector or display
• Display crisp digital signage walls
• Ultimate accessory for early adopters of 8K technology
• Deliver eye-catching presentations while you’re on the go
• Connect USB-C devices to HDR capable 8K displays
• Perfect for creative professionals

Features
• HIGH PERFORMANCE: USB-C to DisplayPort 1.4 (DP Alt Mode HBR3) (32.4Gbps) adapter to connect a single DP
display supporting 8K 60Hz (7680x4320) or 4K 120Hz UHD - HDR/DisplayHDR - DSC - HDCP 2.2/1.4 - Works with
systems that support DP Alt Mode over USB-C
• COMPATIBILITY: Works w/ DP over USB Type-C (Thunderbolt 3 compatible) laptops including MacBooks and
Chromebooks and supports up to 60W Power Delivery to power & charge your laptop while displaying video on a
DisplayPort monitor
• IMAGE QUALITY: This adapter features a unique video signal booster which amplifies the signal and ensures
reliable performance, even with lower quality cables - The amplifier also increases the max. supported DP cable
length compared to other brands
• EXPERIENCE 8K: USB C to DisplayPort adapter was tested with 8K monitors, displays & compliance test
hardware/software for optimal performance & color depth for high res imaging & content creators
• EASY TO USE: USB C to DP adapter supports a driverless plug & play setup - Works with macOS, iPadOS,
Windows, Chrome OS & Linux - Compatible with Thunderbolt 3 & previous versions of DisplayPort




Similar Part No. - CDP2DP14UCPB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
More results


Similar Description - CDP2DP14UCPB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
U444-006-MDP TRIPPLITE-U444-006-MDP Datasheet
187Kb / 4P
USB 3.1 Gen 1 USB-C to Mini DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 6 ft.
U444-010-DP TRIPPLITE-U444-010-DP Datasheet
183Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 10 ft.
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
U444-06N-DB-C TRIPPLITE-U444-06N-DB-C Datasheet
164Kb / 4P
USB-C to DVI Adapter with PD Charging - USB 3.1, Thunderbolt 3, 1080p, Black
U444-06N-DP4K6B TRIPPLITE-U444-06N-DP4K6B Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U444-06N-H4K6BC TRIPPLITE-U444-06N-H4K6BC Datasheet
165Kb / 3P
USB-C 3.1 to HDMI 4K Adapter with PD Charging, M/F, Thunderbolt 3 Compatible, 4K @ 60 Hz, Black
U444-06N-H4K6WC TRIPPLITE-U444-06N-H4K6WC Datasheet
162Kb / 3P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 60Hz - HDMI with PD Charging, Thunderbolt 3 Compatible, White
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com