Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP14UCPB Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2DP14UCPB
Description  USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP14UCPB Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2DP14UCPB Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4
Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
Product ID: CDP2DP14UCPB
This USB-C to DisplayPort adapter lets you connect your USB Type-C or Thunderbolt 3 device to a DisplayPort
display, providing you with a convenient, high-performance solution. The adapter features USB Power Delivery so
you can power and charge your devices while outputting Ultra HD video.
This USB-C display adapter supports USB Power Delivery up to 60 watts and features an additional USB-C port so
you can charge your laptop or tablet using its USB-C power adapter.
This adapter features a unique video signal booster which amplifies the signal and ensures reliable performance,
even with lower quality cables. The amplifier also increases the max. supported DP cable length compared to other
brands.
Delivering cutting-edge picture quality, this 8K DisplayPort 1.4 adapter supports UHD resolutions up to 7680x4320,
and also features HBR3 functionality, providing a bandwidth of up to 32.4Gbps. With HDR support, you can enjoy
lifelike images with increased contrast, brightness and colors and greater luminosity than standard digital imaging.
The DisplayPort dongle is also backward compatible with 4K and 1080p displays, which makes it a great accessory
for home, office or other work environments, while future-proofing for 8K implementation.
This lightweight display adapter is highly portable, with a small-footprint design. It's the perfect accessory for your
MacBook, Microsoft Surface Book or other USB-C (or Thunderbolt 3) device, fitting perfectly into your carrying case.
CDP2DP14UCPB is backed by a 3-year StarTech.com warranty and free lifetime technical support.
Note:
• Your USB-C device must support DisplayPort Alternate Mode to work with this adapter.
• To achieve 8K resolutions, your source and your destination must support DisplayPort 1.4.


Similar Part No. - CDP2DP14UCPB

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
More results

Similar Description - CDP2DP14UCPB

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
U444-006-MDP TRIPPLITE-U444-006-MDP Datasheet
187Kb / 4P
USB 3.1 Gen 1 USB-C to Mini DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 6 ft.
U444-010-DP TRIPPLITE-U444-010-DP Datasheet
183Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @60Hz, 10 ft.
U436-06N-GB-C TRIPPLITE-U436-06N-GB-C Datasheet
182Kb / 4P
USB-C to Gigabit Network Adapter with USB-C PD Charging - Thunderbolt 3, Black
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
U444-06N-DB-C TRIPPLITE-U444-06N-DB-C Datasheet
164Kb / 4P
USB-C to DVI Adapter with PD Charging - USB 3.1, Thunderbolt 3, 1080p, Black
U444-06N-DP4K6B TRIPPLITE-U444-06N-DP4K6B Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter (M/F), Thunderbolt 3 Compatibility, 4K @60Hz
U444-06N-DP-C TRIPPLITE-U444-06N-DP-C Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to DisplayPort 4K Adapter with USB-C PD Charging Port, Thunderbolt 3 Compatible, 4K @60Hz
U444-06N-H4K6BC TRIPPLITE-U444-06N-H4K6BC Datasheet
165Kb / 3P
USB-C 3.1 to HDMI 4K Adapter with PD Charging, M/F, Thunderbolt 3 Compatible, 4K @ 60 Hz, Black
U444-06N-H4K6WC TRIPPLITE-U444-06N-H4K6WC Datasheet
162Kb / 3P
USB 3.1 Gen 1 USB-C Adapter, 4K @ 60Hz - HDMI with PD Charging, Thunderbolt 3 Compatible, White
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com