Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP14UCPB Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # CDP2DP14UCPB
Description  USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP14UCPB Datasheet(HTML) 4 Page - StarTech.com Ltd.

  CDP2DP14UCPB Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Environmental
Operating Temperature
5C to 45C (41F to 113F)
Storage Temperature
-10C to 70C (14F to 158F)
Humidity
10%-85% RH
Physical
Characteristics
Color
Black
Material
Plastic
Cable Length
4.3 in [11 cm]
Product Length
1.7 in [4.3 cm]
Product Width
7.1 in [18.1 cm]
Product Height
0.5 in [1.2 cm]
Weight of Product
0.8 oz [22.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.9 in [22.6 cm]
Package Width
4.9 in [12.4 cm]
Package Height
0.4 in [1.1 cm]
Shipping (Package)
Weight
0.9 oz [26.0 g]
What's in the Box
Included in Package
1 - USB-C to DisplayPort Adapter
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com