Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP14UCPB Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DP14UCPB
Description  USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP14UCPB Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DP14UCPB Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Certifications, Reports and Compatibility
Applications
• Stream lifelike 8K video to a DisplayPort 1.4 monitor, projector or display
• Display crisp digital signage walls
• Ultimate accessory for early adopters of 8K technology
• Deliver eye-catching presentations while you’re on the go
• Connect USB-C devices to HDR capable 8K displays
• Perfect for creative professionals
Features
• HIGH PERFORMANCE: USB-C to DisplayPort 1.4 (DP Alt Mode HBR3) (32.4Gbps) adapter to connect a single DP
display supporting 8K 60Hz (7680x4320) or 4K 120Hz UHD - HDR/DisplayHDR - DSC - HDCP 2.2/1.4 - Works with
systems that support DP Alt Mode over USB-C
• COMPATIBILITY: Works w/ DP over USB Type-C (Thunderbolt 3 compatible) laptops including MacBooks and
Chromebooks and supports up to 60W Power Delivery to power & charge your laptop while displaying video on a
DisplayPort monitor
• IMAGE QUALITY: This adapter features a unique video signal booster which amplifies the signal and ensures
reliable performance, even with lower quality cables - The amplifier also increases the max. supported DP cable
length compared to other brands
• EXPERIENCE 8K: USB C to DisplayPort adapter was tested with 8K monitors, displays & compliance test
hardware/software for optimal performance & color depth for high res imaging & content creators
• EASY TO USE: USB C to DP adapter supports a driverless plug & play setup - Works with macOS, iPadOS,
Windows, Chrome OS & Linux - Compatible with Thunderbolt 3 & previous versions of DisplayPort



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com