Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP14UCPB Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2DP14UCPB
Description  USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP14UCPB Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2DP14UCPB Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP14UCPB Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Hardware
Warranty
3 Years
Active or Passive Adapter
Active
AV Input
USB-C
Ports
1
AV Output
DisplayPort - 1.4
Chipset ID
Parade PS8468
VIA VL102
Performance
Maximum Cable Distance
To Display
6.6 ft [2 m]
Video Revision
DisplayPort 1.4
Supported Resolutions
DisplayPort: 7680x4320 (8K) / 60Hz
Wide Screen Supported
Yes
Bandwidth
HBR3
Audio Specifications
DisplayPort - 7.1 Channel Audio
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
Connector B
1 - DisplayPort (20 pin)
1 - USB Type-C (24 pin) USB Power Delivery Only
Software
OS Compatibility
Windows 8, 8.1, 10, 11<br / >macOS 10.12 - 10.15, 11.0, 12.0
Special Notes /
Requirements
System and Cable
Requirements
Your USB-C port must support DisplayPort over USB-C (DP Alt
Mode) in order to work with this adapter.
To achieve 8K resolutions, your source and your destination
must support DisplayPort 1.4.
Power
Power Delivery
60W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com