Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP142MBD Datasheet (PDF) - StarTech.com Ltd.

CDP2DP142MBD Datasheet PDF - StarTech.com Ltd.
Part # CDP2DP142MBD
Download  CDP2DP142MBD Download
File Size   182.74 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional

CDP2DP142MBD Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2DP142MBD Datasheet PDF - StarTech.com Ltd.

Part # CDP2DP142MBD
Download  CDP2DP142MBD Click to download

File Size   182.74 Kbytes
Page   5 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional

CDP2DP142MBD Datasheet (HTML) - StarTech.com Ltd.


CDP2DP142MBD Product details

Applications
• Stream 8K video to a DisplayPort 1.4 screen or monitor
• Ultimate accessory for early adopters of 8K technology
• Deliver eye-catching presentations while you’re on the go
• Perfect for creative professionals

Features
• Versatile, bi-directional support lets you connect either your USB
Type-C (or DisplayPort) device to a DisplayPort (or USB-C) display
• High Bit Rate 3 (HBR3) capabilities, providing bandwidths up to
32.4Gbps
• Cutting-edge video quality with support for UHD video resolutions up
to 8K 30Hz
• Compatible with Thunderbolt 3 and USB 3.1 Type-C ports that
support DP Alt Mode
• Reduce clutter with an adapter and display cable, in-one
• Latching DisplayPort connector ensures a secure connection




Similar Part No. - CDP2DP142MBD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results


Similar Description - CDP2DP142MBD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
M102-02M-WH TRIPPLITE-M102-02M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M102AB-02M-WH TRIPPLITE-M102AB-02M-WH Datasheet
161Kb / 3P
Safe-IT USB-C to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
P567-02M TRIPPLITE-P567-02M Datasheet
190Kb / 3P
HDMI to DisplayPort Active Adapter Cable (M/M) - 4K, USB Power, Black, 2 m (6.6 ft.)
U040-02M-C-5ARA TRIPPLITE-U040-02M-C-5ARA Datasheet
168Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 100W PD Charging, Right-Angle Plug, Black, 2 m (6.6 ft.)
logo
IOGEAR
G2LU3CCM12E IOGEAR-G2LU3CCM12E Datasheet
159Kb / 2P
USB-C to USB-C 5 Gbps 6.6 Ft. (2m) Cable
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
DisplayPort 1.4 Male-to-Male 6 Ft. Cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com