Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP142MBD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DP142MBD
Description  6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP142MBD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DP142MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 4Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Easy & Clutter-Free Installation 
At 6.6 ft. (2 m) in length, this bidirectional adapter cable delivers a direct connection that eliminates excess
adapters and cabling, ensuring a tidy, professional installation. For shorter installations, we also offer
a 3.3 ft. (1 m) USB-C to DP cable, enabling you to choose the right cable length for your custom installation
needs. 
Convenient, Bi-Directional Support 
Use this USB-C to DisplayPort adapter cable to output 8K video and audio to a DP display from the USB
Type-C (or Thunderbolt 3) port on your laptop or mobile device. With bi-directional capabilities,
this cable can also connect your DisplayPort-enabled devices to a display featuring USB-C input. For added
convenience, the cable supports both Mac & Windows operating systems.
CDP2DP142MBD is backed by a StarTech.com 3-year warranty and free lifetime technical support. 
Note:
•
Your USB 3.1 Type-C device must support DP Alt Mode to work with this cable.
•
To achieve 8K resolutions, your source and your destination must support DisplayPort 1.4.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com