Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP142MBD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2DP142MBD
Description  6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP142MBD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2DP142MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 4Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi-
Directional
Product ID: CDP2DP142MBD
This USB-C™ to DisplayPort™ 1.4 cable lets you connect your USB Type-C™ (or Thunderbolt 3™) device to
a DisplayPort display, or a DP device to a USB-C display with just one cable.
Unparalleled Performance with Support for 8K 30Hz
Supporting four times the resolution of 4K, this 8K DP 1.4 adapter cable delivers the stunning quality of
UHD at resolutions up to 7680×4320, and also features HBR3 functionality, providing a bandwidth of up
to 32.4Gbps.
The video cable is backward compatible with 4K and 1080p displays, which makes it a great accessory for
home, office or other work environments, while future-proofing for 8K implementation.
www.startech.com
1 800 265 1844


Similar Part No. - CDP2DP142MBD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results

Similar Description - CDP2DP142MBD

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
P583006 TRIPPLITE-P583006 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 6-ft
P583010 TRIPPLITE-P583010 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 10-ft
M102-02M-BK TRIPPLITE-M102-02M-BK Datasheet
166Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, Black, 2 m (6.6 ft.)
M102-02M-WH TRIPPLITE-M102-02M-WH Datasheet
160Kb / 2P
USB-C to Lightning Sync/Charge Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
M102AB-02M-WH TRIPPLITE-M102AB-02M-WH Datasheet
161Kb / 3P
Safe-IT USB-C to Lightning Sync/Charge Antibacterial Cable (M/M), MFi Certified, White, 2 m (6.6 ft.)
P567-02M TRIPPLITE-P567-02M Datasheet
190Kb / 3P
HDMI to DisplayPort Active Adapter Cable (M/M) - 4K, USB Power, Black, 2 m (6.6 ft.)
U040-02M-C-5ARA TRIPPLITE-U040-02M-C-5ARA Datasheet
168Kb / 3P
USB-C Cable (M/M) - USB 2.0, Thunderbolt 3, 100W PD Charging, Right-Angle Plug, Black, 2 m (6.6 ft.)
logo
IOGEAR
G2LU3CCM12E IOGEAR-G2LU3CCM12E Datasheet
159Kb / 2P
USB-C to USB-C 5 Gbps 6.6 Ft. (2m) Cable
G2LDPDP14 IOGEAR-G2LDPDP14 Datasheet
143Kb / 2P
DisplayPort 1.4 Male-to-Male 6 Ft. Cable
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com