Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP141MBD Datasheet (PDF) - StarTech.com Ltd.

CDP2DP141MBD Datasheet PDF - StarTech.com Ltd.
Part # CDP2DP141MBD
Download  CDP2DP141MBD Download
File Size   94.95 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable

CDP2DP141MBD Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2DP141MBD Datasheet PDF - StarTech.com Ltd.

Part # CDP2DP141MBD
Download  CDP2DP141MBD Click to download

File Size   94.95 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable

CDP2DP141MBD Datasheet (HTML) - StarTech.com Ltd.


CDP2DP141MBD Product details

Applications
• Stream 8K video to a DisplayPort 1.4 screen or monitor
• Ultimate accessory for early adopters of 8K technology
• Deliver eye-catching presentations while you’re on the go
• Perfect for creative professionals

Features
• HIGH PERFORMANCE: Reversible USB C to DisplayPort 1.4 cable or DP to USB-C cable supports 8K 60Hz/4K
120Hz/HDR/DisplayHDR/ HBR3/Display Stream Compression (DSC)/HDCP 2.2/1.4 - Thunderbolt 3 compatible
• REVERSIBLE CABLE: This 3.3ft/1m DisplayPort to USB C bidirectional cable works to connect your USB-C Laptop
to a DisplayPort Monitor or connect a DisplayPort device to a USB Type-C display - Works with systems that support
DP Alt Mode over USB-C
• IMAGE QUALITY: This adapter features a unique video signal booster which amplifies the signal and ensures
reliable performance, even with lower quality cables - The amplifier also increases the max. supported DP cable
length compared to other brands
• DP OR USB-C MONITOR COMPATIBLE: Use this DisplayPort to USB C cable to convert from a DP host to a
USB-C monitor - supports USB-C 16:9 & ultrawide monitors from LG, Dell UltraSharp, Acer, Asus Pro Art
• INTEGRATED VIDEO ADAPTER CABLE: Supports driverless setup on any OS, minimizes failure points & signal
loss, and features latching DP connector to ensure a reliable & consistent connection




Similar Part No. - CDP2DP141MBD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results


Similar Description - CDP2DP141MBD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Kinetic Technologies.
KTM5030 KINETIC-KTM5030 Datasheet
429Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022
KTM5000 KINETIC-KTM5000 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
logo
Coolgear Inc.
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com