Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP141MBD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DP141MBD
Description  3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP141MBD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DP141MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
• This cable is not compatible with the Surface Dock 2
Certifications, Reports and Compatibility
Applications
• Stream 8K video to a DisplayPort 1.4 screen or monitor
• Ultimate accessory for early adopters of 8K technology
• Deliver eye-catching presentations while you’re on the go
• Perfect for creative professionals
Features
• HIGH PERFORMANCE: Reversible USB C to DisplayPort 1.4 cable or DP to USB-C cable supports 8K 60Hz/4K
120Hz/HDR/DisplayHDR/ HBR3/Display Stream Compression (DSC)/HDCP 2.2/1.4 - Thunderbolt 3 compatible
• REVERSIBLE CABLE: This 3.3ft/1m DisplayPort to USB C bidirectional cable works to connect your USB-C Laptop
to a DisplayPort Monitor or connect a DisplayPort device to a USB Type-C display - Works with systems that support
DP Alt Mode over USB-C
• IMAGE QUALITY: This adapter features a unique video signal booster which amplifies the signal and ensures
reliable performance, even with lower quality cables - The amplifier also increases the max. supported DP cable
length compared to other brands
• DP OR USB-C MONITOR COMPATIBLE: Use this DisplayPort to USB C cable to convert from a DP host to a
USB-C monitor - supports USB-C 16:9 & ultrawide monitors from LG, Dell UltraSharp, Acer, Asus Pro Art
• INTEGRATED VIDEO ADAPTER CABLE: Supports driverless setup on any OS, minimizes failure points & signal
loss, and features latching DP connector to ensure a reliable & consistent connection
Hardware
Warranty
3 Years
Active or Passive Adapter
Active



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com