Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP141MBD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2DP141MBD
Description  3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP141MBD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2DP141MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AV Input
USB-C
DisplayPort - 1.4
AV Output
DisplayPort
USB-C
Audio
Yes
Chipset ID
Chrontel - CH7213C-BF
Texas Instruments - TUSB544
VIA Labs - VL170
Performance
Video Revision
DisplayPort 1.4
Maximum Digital
Resolutions
DisplayPort: 7680x4320 (8K) / 60Hz
USB-C: 7680x4320 (8K) / 60Hz
Wide Screen Supported
Yes
Bandwidth
HBR3
Audio Specifications
DisplayPort - 7.1 Channel Audio
USB-C - 7.1 Channel Audio
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
1 - Thunderbolt 3 USB-C (24-pin) (40Gbps)
Connector B
1 - DisplayPort (20 pin)
Special Notes /
Requirements
System and Cable
Requirements
Your USB-C device must support DisplayPort Alt Mode to work
with this cable
To achieve 8K resolutions, your source and your destination
must support DisplayPort 1.4
This cable is not compatible with the Surface Dock 2
Environmental
Operating Temperature
0C to 45C (32F to 113F)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com