Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP141MBD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2DP141MBD
Description  3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP141MBD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2DP141MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP141MBD Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP
Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
Product ID: CDP2DP141MBD
This USB-C to DisplayPort 1.4 cable lets you connect your USB Type-C (or Thunderbolt 3) device to a DisplayPort
display, or a DP device to a USB-C display with just one cable.
Supporting four times the resolution of 4K, this 8K DP 1.4 adapter cable delivers the stunning quality of UHD at
resolutions up to 76804320, and also features HBR3 functionality, providing a bandwidth of up to 32.4Gbps.
The video cable is backward compatible with 4K and 1080p displays, which makes it a great accessory for home,
office or other work environments, while future-proofing for 8K implementation.
This adapter features a unique video signal booster which amplifies the signal and ensures reliable performance,
even with lower quality cables. The amplifier also increases the max. supported DP cable length compared to other
brands.
At 3.3 ft. (1 m) in length, this bi-directional adapter cable delivers a compact connection that eliminates excess
adapters and cabling, ensuring a tidy, professional installation. For longer installations, we also offer a 6.6 ft. (2 m)
USB-C to DP cable, enabling you to choose the right cable length for your custom installation needs.
Use this USB-C to DisplayPort adapter cable to output 8K video and audio to a DP display from the USB Type-C (or
Thunderbolt 3) port on your laptop or mobile device. With bi-directional capabilities, this cable can also connect your
DisplayPort-enabled devices to a display featuring USB-C input. For added convenience, the cable supports both
Mac & Windows operating systems.
CDP2DP141MBD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note:
• Your USB-C device must support DP Alt Mode to work with this cable.
• To achieve 8K resolutions, your source and your destination must support DisplayPort 1.4.


Similar Part No. - CDP2DP141MBD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results

Similar Description - CDP2DP141MBD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Wurth Elektronik GmbH &...
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Tripp Lite. All Rights ...
U040-006-C TRIPPLITE-U040-006-C Datasheet
157Kb / 3P
USB 2.0 Cable, USB Type-C (USB-C) to USB Type-C M/M, 6-ft. Length
logo
IOGEAR
G2LU3CCM01 IOGEAR-G2LU3CCM01 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 3.3ft (1m)
G2LU3CCM02 IOGEAR-G2LU3CCM02 Datasheet
146Kb / 3P
Charge & Sync USB-C to USB-C Cable, 6.5ft (2m)
GUC3CHD22 IOGEAR-GUC3CHD22 Datasheet
149Kb / 3P
USB-C to Dual 4K Adapter
logo
Kinetic Technologies.
KTM5030 KINETIC-KTM5030 Datasheet
429Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022
KTM5000 KINETIC-KTM5000 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
logo
Coolgear Inc.
USB3-AC1MB COOLGEAR-USB3-AC1MB Datasheet
158Kb / 1P
USB-C TYPE A TO C USB 3.2 3FT BL
REV. A0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com