Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP146B Datasheet (PDF) - StarTech.com Ltd.

CDP2DP146B Datasheet PDF - StarTech.com Ltd.
Part # CDP2DP146B
Download  CDP2DP146B Download
File Size   100.34 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3

CDP2DP146B Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2DP146B Datasheet PDF - StarTech.com Ltd.

Part # CDP2DP146B
Download  CDP2DP146B Click to download

File Size   100.34 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description 6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3

CDP2DP146B Datasheet (HTML) - StarTech.com Ltd.


CDP2DP146B Product details

Applications
• Stream 8K video to a DisplayPort 1.4 screen or monitor
• Deliver eye-catching presentations while you’re on the go
• Ultimate accessory for early adopters of 8K technology
• Perfect for creative professionals

Features
• HIGH PERFORMANCE: USB-C to DisplayPort 1.4 (32.4Gbps) adapter cable compatible w/ HDR/DisplayHDR,
HBR3, Display Stream Compression (DSC), HDCP 2.2/1.4; 8K 60Hz (7680x4320), 5K 60Hz, 4K 120Hz & 1080p
• EXPERIENCE 8K: USB C to DisplayPort 1.4 cable was tested w/ 8K monitors, displays & compliance test
hardware/software for optimal performance & color depth for high res imaging & content creators
• INTEGRATED VIDEO ADAPTER CABLE: This USB-C to DP cable minimizes signal loss & potential failure points
with a latching DP connector, level 4 Air/Contact ESD immunity/protection & EMI shielding
• TESTED & VERIFIED: With USB-C DP Alt Mode & Thunderbolt 3 devices like Lenovo ThinkPad X1
Carbon/Extreme, Dell XPS, HP EliteBook/ZBook, TB3 MacBook Pro 13 & 16 / Air, iPad Pro, Surface Laptop 3/Pro 7
• COMPATIBILITY: This 6' USB Type-C to DisplayPort converter cable requires no software/drivers & is backward
compatible with DisplayPort 1.2; works w/ Windows, MacOS, Linux, iPadOS, Chrome OS, Android




Similar Part No. - CDP2DP146B

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results


Similar Description - CDP2DP146B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
U444-2DP-MST4K6 TRIPPLITE-U444-2DP-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3DP-MST TRIPPLITE-U444-3DP-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
KTM5030 KINETIC-KTM5030 Datasheet
429Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022
KTM5000 KINETIC-KTM5000 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Chrontel, Inc.
CH7218A CHRONTEL-CH7218A Datasheet
226Kb / 10P
CH7218A USB-C and DP 1.4 to HDMI 2.1 Protocol Converter
Rev 1.4 2023-8-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com