Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP146B Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DP146B
Description  6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP146B Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DP146B Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Certifications, Reports and Compatibility
Applications
• Stream 8K video to a DisplayPort 1.4 screen or monitor
• Deliver eye-catching presentations while you’re on the go
• Ultimate accessory for early adopters of 8K technology
• Perfect for creative professionals
Features
• HIGH PERFORMANCE: USB-C to DisplayPort 1.4 (32.4Gbps) adapter cable compatible w/ HDR/DisplayHDR,
HBR3, Display Stream Compression (DSC), HDCP 2.2/1.4; 8K 60Hz (7680x4320), 5K 60Hz, 4K 120Hz & 1080p
• EXPERIENCE 8K: USB C to DisplayPort 1.4 cable was tested w/ 8K monitors, displays & compliance test
hardware/software for optimal performance & color depth for high res imaging & content creators
• INTEGRATED VIDEO ADAPTER CABLE: This USB-C to DP cable minimizes signal loss & potential failure points
with a latching DP connector, level 4 Air/Contact ESD immunity/protection & EMI shielding
• TESTED & VERIFIED: With USB-C DP Alt Mode & Thunderbolt 3 devices like Lenovo ThinkPad X1
Carbon/Extreme, Dell XPS, HP EliteBook/ZBook, TB3 MacBook Pro 13 & 16 / Air, iPad Pro, Surface Laptop 3/Pro 7
• COMPATIBILITY: This 6' USB Type-C to DisplayPort converter cable requires no software/drivers & is backward
compatible with DisplayPort 1.2; works w/ Windows, MacOS, Linux, iPadOS, Chrome OS, Android
Hardware
Warranty
3 Years
Active or Passive Adapter
Active
AV Input
USB-C
Ports
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com