Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP146B Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2DP146B
Description  6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP146B Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2DP146B Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
AV Output
DisplayPort - 1.4
Chipset ID
STM32F072CBY6TR
Performance
Video Revision
DisplayPort 1.4
Supported Resolutions
DisplayPort: 7680x4320 (8K) / 60Hz
Wide Screen Supported
Yes
Bandwidth
HBR3
Audio Specifications
DisplayPort - 7.1 Channel Audio
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode
Connector B
1 - DisplayPort (20 pin)
Special Notes /
Requirements
System and Cable
Requirements
Your USB-C port must support DisplayPort over USB-C (DP Alt
mode) in order to work with this adapter.
To achieve 8K resolutions, your source and your destination
must support DisplayPort 1.4.
Environmental
Operating Temperature
5C to 35C (41F to 95F)
Storage Temperature
-20C to 60C (-4F to 140F)
Humidity
80%-90%RH
Physical
Characteristics
Color
Black
Product Length
6.0 ft [1.8 m]
Product Width
7.9 in [20.0 cm]
Product Height
0.4 in [1.1 cm]
Weight of Product
2.0 oz [57.0 g]
Packaging



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com