Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP146B Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP2DP146B
Description  6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP146B Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP2DP146B Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP146B Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter
Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
Product ID: CDP2DP146B
This USB-C to DisplayPort 1.4 cable lets you connect your USB Type-C device to a DisplayPort monitor with just one
cable, providing you with a convenient, clutter-free solution.
Supporting four times the resolution of 4K, this 8K DP 1.4 adapter cable delivers the stunning quality of UHD at
resolutions up to 76804320, and also features HBR3 functionality, providing a bandwidth of up to 32.4Gbps.
With cutting-edge picture quality, this cable is ideal for:
• Displaying crisp digital signage walls
• Creating eye-catching visuals for photography and videography
The USB-C to DP cable is backward compatible with 4K and 1080p displays, which makes it a great accessory for
home, office or other work environments, while future-proofing for 8K implementation.
At 6 ft. (1.8 m) in length, this DisplayPort adapter cable delivers a direct connection that eliminates excess cabling,
ensuring a tidy installation. For installations requiring a shorter length, we also offer a 3.3 ft. (1 m) DisplayPort cable,
enabling you to customize your connection needs. Clutter-Free Installation
To ensure easy operation, this DisplayPort converter cable supports plug-and-play installation, removing the need for
additional software or drivers.
CDP2DP146B is backed by a 3-year StarTech.com warranty and free lifetime technical support.
Note:
• Your USB-C device must support DP Alt Mode to work with this adapter cable.
• To achieve 8K resolutions, your source and your destination must support DisplayPort 1.4.


Similar Part No. - CDP2DP146B

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results

Similar Description - CDP2DP146B

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-006-DP TRIPPLITE-U444-006-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 6 ft.
U444-003-DP TRIPPLITE-U444-003-DP Datasheet
171Kb / 3P
USB-C to DisplayPort Cable, 4K @ 60Hz, Thunderbolt 3, 3 ft.
U444-2DP-MST4K6 TRIPPLITE-U444-2DP-MST4K6 Datasheet
169Kb / 4P
USB-C Adapter, Dual Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
U444-3DP-MST TRIPPLITE-U444-3DP-MST Datasheet
168Kb / 4P
USB-C Adapter, Triple Display - 4K 60 Hz DisplayPort, 8K, HDR, 4:4:4, HDCP 2.2, DP 1.4 Alt Mode, Black
logo
List of Unclassifed Man...
MCDP6000 ETC1-MCDP6000 Datasheet
750Kb / 46P
USB Type-C DP Alt-Mode Switching Retimer
November 21st, 2018
logo
Kinetic Technologies.
KTM5030 KINETIC-KTM5030 Datasheet
429Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022
KTM5000 KINETIC-KTM5000 Datasheet
260Kb / 6P
USB Type-C / DisplayPort 1.4 MST Hub (DSC)
February 2022 - Revision 04b
MCDP5240 KINETIC-MCDP5240 Datasheet
261Kb / 5P
USB Type-C / DP1.4a Alt-Mode to DPWith USB Retimer
September 2020 - Revision 03b
MCDP6000 KINETIC-MCDP6000 Datasheet
215Kb / 5P
USB Type-C DP Alt-Mode Switching Retimer
June 2021 - Revision 03g
logo
Chrontel, Inc.
CH7218A CHRONTEL-CH7218A Datasheet
226Kb / 10P
CH7218A USB-C and DP 1.4 to HDMI 2.1 Protocol Converter
Rev 1.4 2023-8-18
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com