Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP142MBD Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP2DP142MBD
Description  6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP142MBD Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP2DP142MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 4Page - StarTech.com Ltd. CDP2DP142MBD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Certifications, Reports
and Compatibility
Applications
•
Stream 8K video to a DisplayPort 1.4 screen or monitor
•
Ultimate accessory for early adopters of 8K technology
•
Deliver eye-catching presentations while you’re on the go
•
Perfect for creative professionals
Features
•
Versatile, bi-directional support lets you connect either your USB
Type-C (or DisplayPort) device to a DisplayPort (or USB-C) display
•
High Bit Rate 3 (HBR3) capabilities, providing bandwidths up to
32.4Gbps
•
Cutting-edge video quality with support for UHD video resolutions up
to 8K 30Hz
•
Compatible with Thunderbolt 3 and USB 3.1 Type-C ports that
support DP Alt Mode
•
Reduce clutter with an adapter and display cable, in-one
•
Latching DisplayPort connector ensures a secure connection
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com