Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP235APDM Datasheet (PDF) - StarTech.com Ltd.

CDP235APDM Datasheet PDF - StarTech.com Ltd.
Part # CDP235APDM
Download  CDP235APDM Download
File Size   125.47 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop

CDP235APDM Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP235APDM Datasheet PDF - StarTech.com Ltd.

Part # CDP235APDM
Download  CDP235APDM Click to download

File Size   125.47 Kbytes
Page   4 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop

CDP235APDM Datasheet (HTML) - StarTech.com Ltd.


CDP235APDM Product details

Applications
• Listen to music or make phone calls, while charging your USB-C device at the same time
• Virtual conference calls or customer service applications

Features
• ADD 3.5MM TRRS AUDIO JACK: USB-C audio and charge adapter with power delivery (PD) pass-through adds
support for legacy headsets with built-in mic while charging your USB-C host using a single USB-C port High-res
audio port supports DAC audio output
• MULTIPLE CHARGING MODES: USB C headphone & charger adapter is bus-powered or use external USB-C
power adapter for up to 60W Power Delivery 3.0 pass-through to charge USB-C laptops and tablets Fast Charge
(BC 1.2) to charge USB Type-C smartphones
• CONVENIENT SIDE PORT LAYOUT: Compact, horizontal-style adapter w/ cable-less, dongle-like design and
discreet side port locations for audio & power connections at opposite ends of the adapter to avoid snags/tangles and
to allow for a flexible device setup
• WIDE COMPATIBILITY: Works w/ USB Type-C tablets, smartphones, laptops & PCs; Ideal for iPad Pro, Google
Pixel 5G, Samsung Galaxy S20/21 & Note 20; Windows, macOS, iPadOS & Android; USB C to 3.5mm AUX and
charger adapter is Thunderbolt 3 Host Compatible
• PORTABLE DESIGN: 2-in-1 USB C audio adapter with a compact/sleek design can be transported, even when
connected to your USB C device between office, home office or for business travel Ideal for conference calls,
customer support or at your workstation




Similar Part No. - CDP235APDM

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2CAPDM STARTECH-CDP2CAPDM Datasheet
120Kb / 4P
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ USB-C Audio Headphone/Headset Port and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results


Similar Description - CDP235APDM

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
AQ15A-050A PHIHONG-AQ15A-050A Datasheet
78Kb / 3P
15 Watt USB Adapter with USB Type-C
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748 Datasheet
1Mb / 71P
USB Type-C Charger
Rev 0; 6/17
logo
Phihong USA Inc.
AQ15A-050A PHIHONG-AQ15A-050A_18 Datasheet
154Kb / 3P
15 Watt USB Adapter with USB Type-C
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748_V01 Datasheet
1Mb / 71P
USB Type-C Charger
2019
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
CG-UCUSBPDB COOLGEAR-CG-UCUSBPDB Datasheet
125Kb / 3P
USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com