Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP235APDM Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # CDP235APDM
Description  USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP235APDM Datasheet(HTML) 3 Page - StarTech.com Ltd.

  CDP235APDM Datasheet HTML 1Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 2Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 3Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OS Compatibility
Windows 11, 10
macOS Monterey (12.0), Big Sur (11.0), Catalina (10.15), Mjave
(10.14), High Sierra (10.13)
iPadOS
Android
Power
Power Delivery
60W
Environmental
Operating Temperature
0C to 45C (32F to 113F)
Storage Temperature
-10C to 70C (14F to 158F)
Humidity
10%-85% RH
Physical
Characteristics
Color
Silver
Material
Metal
Product Length
2.0 in [5.0 cm]
Product Width
0.9 in [2.3 cm]
Product Height
0.4 in [9.0 mm]
Weight of Product
0.3 oz [9.0 g]
Packaging
Information
Package Quantity
1
Package Length
4.9 in [12.5 cm]
Package Width
3.5 in [9.0 cm]
Package Height
0.0 in [0.8 mm]
Shipping (Package)
Weight
0.3 oz [9.0 g]
What's in the Box
Included in Package
1 - USB-C to 3.5mm Audio Adapter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com