Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP235APDM Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # CDP235APDM
Description  USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP235APDM Datasheet(HTML) 1 Page - StarTech.com Ltd.

  CDP235APDM Datasheet HTML 1Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 2Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 3Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack
and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
Product ID: CDP235APDM
This USB C audio adapter with 60W power delivery lets you convert the USB-C port of your device into a 3.5mm
audio jack, while allowing you to charge your laptop, tablet or smartphone at the same time.
Make calls or listen to music with this USB audio and charging adapter. The 2 in 1 USB-C adapter with headphone
jack and charging port allows you to continue to use your legacy headsets, speakers or microphones with your USB
Type-C devices, while simultaneously charging your device through Power Delivery pass through with Type C power
adapter connected. The adapter also supports Quick Charge (QC 2.0) and BC 1.2 charging.
The USB Type C to aux adapter features a cable-less, dongle design with a convenient side-port layout to reduce
cable clutter, making it perfect for professionals at their workstation or on-the-go. Constructed of high-quality
materials, the portable adapter provides a reliable and affordable audio solution for your USB-C devices that do not
have a 3.5mm input.
This USB C to headphone jack is universally compatible enabling you to use your existing wired headset with your
USB Type-C or Thunderbolt 3 device, including the MacBook Pro, iPad Pro, Samsung Galaxy and Note.
CDP235APDM is backed by a StarTech.com 3-year warranty, and free lifetime technical support.
Certifications, Reports and Compatibility


Similar Part No. - CDP235APDM

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP2CAPDM STARTECH-CDP2CAPDM Datasheet
120Kb / 4P
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ USB-C Audio Headphone/Headset Port and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
CDP2DP14UCPB STARTECH-CDP2DP14UCPB Datasheet
133Kb / 4P
USB C to DisplayPort Adapter with Power Delivery - 8K 60Hz /4K 120Hz USB Type C to DP 1.4 Video Converter w/ 60W PD Pass-Through Charging - HBR3 - Thunderbolt 3 Compatible
More results

Similar Description - CDP235APDM

ManufacturerPart #DatasheetDescription
logo
Phihong USA Inc.
AQ15A-050A PHIHONG-AQ15A-050A Datasheet
78Kb / 3P
15 Watt USB Adapter with USB Type-C
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748 Datasheet
1Mb / 71P
USB Type-C Charger
Rev 0; 6/17
logo
Phihong USA Inc.
AQ15A-050A PHIHONG-AQ15A-050A_18 Datasheet
154Kb / 3P
15 Watt USB Adapter with USB Type-C
logo
Maxim Integrated Produc...
MAX20328 MAXIM-MAX20328 Datasheet
1Mb / 43P
MUX Switch for USB Type-C Audio Adapter Accessories
Rev 0; 3/18
logo
Advantech Co., Ltd.
PSA-A45W ADVANTECH-PSA-A45W Datasheet
427Kb / 2P
45 Watt Power Delivery USB-C Adapter
3-Dec-2019
logo
Maxim Integrated Produc...
MAX14748 MAXIM-MAX14748_V01 Datasheet
1Mb / 71P
USB Type-C Charger
2019
logo
Coolgear Inc.
CG-UCUSBPD COOLGEAR-CG-UCUSBPD Datasheet
1Mb / 2P
USB-C to USB-A Power Delivery Adapter with Mounting Kit
Rev 01.200716
CG-UCUSBPDB COOLGEAR-CG-UCUSBPDB Datasheet
125Kb / 3P
USB-C to USB-B Power Delivery USB 3.1 Adapter w/Mounting Kit
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com