Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP235APDM Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP235APDM
Description  USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP235APDM Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP235APDM Datasheet HTML 1Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 2Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 3Page - StarTech.com Ltd. CDP235APDM Datasheet HTML 4Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applications
• Listen to music or make phone calls, while charging your USB-C device at the same time
• Virtual conference calls or customer service applications
Features
• ADD 3.5MM TRRS AUDIO JACK: USB-C audio and charge adapter with power delivery (PD) pass-through adds
support for legacy headsets with built-in mic while charging your USB-C host using a single USB-C port High-res
audio port supports DAC audio output
• MULTIPLE CHARGING MODES: USB C headphone & charger adapter is bus-powered or use external USB-C
power adapter for up to 60W Power Delivery 3.0 pass-through to charge USB-C laptops and tablets Fast Charge
(BC 1.2) to charge USB Type-C smartphones
• CONVENIENT SIDE PORT LAYOUT: Compact, horizontal-style adapter w/ cable-less, dongle-like design and
discreet side port locations for audio & power connections at opposite ends of the adapter to avoid snags/tangles and
to allow for a flexible device setup
• WIDE COMPATIBILITY: Works w/ USB Type-C tablets, smartphones, laptops & PCs; Ideal for iPad Pro, Google
Pixel 5G, Samsung Galaxy S20/21 & Note 20; Windows, macOS, iPadOS & Android; USB C to 3.5mm AUX and
charger adapter is Thunderbolt 3 Host Compatible
• PORTABLE DESIGN: 2-in-1 USB C audio adapter with a compact/sleek design can be transported, even when
connected to your USB C device between office, home office or for business travel Ideal for conference calls,
customer support or at your workstation
Hardware
Warranty
3 Years
Ports
2
Audio
Yes
Chipset ID
VIA - VL103
KT0200
Connector(s)
Connector A
1 - USB Type-C (24 pin) USB Power Delivery Only
Connector B
1 - USB Type-C (24 pin) USB Power Delivery Only
1 - 3.5 mm Audio
Software



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com