Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP2MBD Datasheet(PDF) 4 Page - StarTech.com Ltd.

Part # CDP2DP2MBD
Description  6.6 ft. (2 m) USB-C to DisplayPort 1.2 Cable - Bi- Directional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP2MBD Datasheet(HTML) 4 Page - StarTech.com Ltd.

  CDP2DP2MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 4Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Warranty
3 Years
Hardware
Active or Passive Adapter
Active
Audio
Yes
AV Input
USB-C
DisplayPort - 1.2
AV Output
DisplayPort
USB-C
Chipset ID
Chrontel - CH7213C-BF
VIA Labs - VL170
Performance
Audio Specifications
DisplayPort - 7.1 Channel Audio
USB-C - 7.1 Channel Audio
Supported Resolutions
DisplayPort: 3840x2160 (4K) / 60Hz
USB-C: 3840x2160 (4K) / 60Hz
Video Revision
DisplayPort 1.2
Wide Screen Supported
Yes
Connector(s)
Connector A
1 - USB-C (24 pin) DisplayPort Alt Mode Male Input
1 - Thunderbolt™ 3 USB-C (24-pin) (20Gbps) Male Input
Connector B
1 - DisplayPort (20 pin) Male Output
Special Notes /
Requirements
Note
Maximum performance is dependent upon the specifications
of your video source and destination
System and Cable Requirements
Your USB-C device must support DisplayPort Alt Mode to
work with this cable
Environmental
Humidity
10%-85% RH
Operating Temperature
0°C to 45°C (32°F to 113°F)
Storage Temperature
-10°C to 70°C (14°F to 158°F)
Physical
Characteristics
Color
Black
Material
Plastic
Product Height
10.000
Product Length
80.2 in [203.8 cm]
Product Width
220.000
Weight of Product
77.000
Packaging
Information
Package Height
12.000
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com