Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2DP2MBD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2DP2MBD
Description  6.6 ft. (2 m) USB-C to DisplayPort 1.2 Cable - Bi- Directional
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2DP2MBD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2DP2MBD Datasheet HTML 1Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 2Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 3Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 4Page - StarTech.com Ltd. CDP2DP2MBD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Convenient, Bi-Directional Support
Use this USB-C to DisplayPort adapter cable to output 4K video and audio to a DP display from the USB
Type-C (or Thunderbolt 3) port on your laptop or mobile device. With bi-directional capabilities, this cable
can also connect your DisplayPort-enabled devices to a display featuring USB-C input.
Ultra HD 4K Resolution at 60Hz
This USB-C to DP 1.2 adapter cable lets you harness the video capabilities that are built into your
computer's USB Type-C (or DisplayPort) connection, to deliver the astonishing quality of UHD to your 4K
display. For even higher resolution and bandwidth support, we offer a USB-C to DP 1.4 cable, which is the
perfect accessory for early adopters of 8K.
CDP2DP2MBD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: Your USB 3.1 Type-C device must support DP Alt Mode to work with this cable.
www.startech.com
1 800 265 1844



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com