Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2VGAEC Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # CDP2VGAEC
Description  USB C to VGA Adapter - 1080p USB Type-C to VGA Adapter Dongle - USB-C (DP Alt Mode) to VGA Monitor/Display Video Converter - Thunderbolt 3 Compatible - 12" Long Attached Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

CDP2VGAEC Datasheet(HTML) 2 Page - StarTech.com Ltd.

  CDP2VGAEC Datasheet HTML 1Page - StarTech.com Ltd. CDP2VGAEC Datasheet HTML 2Page - StarTech.com Ltd. CDP2VGAEC Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• VGA COMPATIBILITY: USB-C to VGA adapter (DP Alt Mode) connects a single VGA display or monitor supporting
HBR2 with resolutions up to 1920x1200p or 1080p Thunderbolt 3 Compatible
• EXTRA LONG CABLE: USB Type-C to VGA adapter with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro & laptops on risers stands Compact, portable
design
• DEVICE COMPATIBILITY: USB C to VGA adapter works w/ Dell XPS, Precision & Latitude, Lenovo ThinkPad X1
Carbon & Extreme, Surface Laptop 3 & Pro 7 (& up), MacBook Pro/Air (Intel Processor & M1 Chip), HP EliteBook &
ZBook & Chromebook
• DISPLAY COMPATIBILITY: USBC to VGA external video adapter/converter tested for peak performance at
1920x1200p with VGA monitors and projectors including brands like Dell, LG, Asus, Acer, BenQ, HP, Samsung, NEC
& Phillips
• EASY TO USE: USB C to VGA dongle supports driverless setup and is OS independent; Works w/any USB Type-C
(DisplayPort over USB-C) or Thunderbolt 3 (TB3) device USB C male to VGA female
Hardware
Warranty
3 Years
AV Input
USB-C
Ports
1
AV Output
VGA
Chipset ID
PTN3355
VL103
Performance
Supported Resolutions
VGA: 1920x1200 / 60Hz
Wide Screen Supported
Yes
Audio Specifications
VGA - No Audio Support
Connector(s)
Connector A
USB-C (24 pin) DisplayPort Alt Mode
Connector B
VGA (15 pin, High Density D-Sub)
Special Notes /
Requirements
System and Cable
Requirements
Your USB-C port must support DisplayPort over USB-C (DP Alt
mode) in order to work with this adapter.
Power



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com