Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDP2VGAEC Datasheet (PDF) - StarTech.com Ltd.

CDP2VGAEC Datasheet PDF - StarTech.com Ltd.
Part # CDP2VGAEC
Download  CDP2VGAEC Download
File Size   60.2 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to VGA Adapter - 1080p USB Type-C to VGA Adapter Dongle - USB-C (DP Alt Mode) to VGA Monitor/Display Video Converter - Thunderbolt 3 Compatible - 12" Long Attached Cable

CDP2VGAEC Datasheet (PDF)

Go To PDF Page Download Datasheet
CDP2VGAEC Datasheet PDF - StarTech.com Ltd.

Part # CDP2VGAEC
Download  CDP2VGAEC Click to download

File Size   60.2 Kbytes
Page   3 Pages
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.
Description USB C to VGA Adapter - 1080p USB Type-C to VGA Adapter Dongle - USB-C (DP Alt Mode) to VGA Monitor/Display Video Converter - Thunderbolt 3 Compatible - 12" Long Attached Cable

CDP2VGAEC Datasheet (HTML) - StarTech.com Ltd.


CDP2VGAEC Product details

Applications
• Keep the adapter with you while traveling, to connect to any VGA monitor or projector you come across
• Connect your USB-C equipped tablet or smartphone to a larger display

Features
• VGA COMPATIBILITY: USB-C to VGA adapter (DP Alt Mode) connects a single VGA display or monitor supporting
HBR2 with resolutions up to 1920x1200p or 1080p Thunderbolt 3 Compatible
• EXTRA LONG CABLE: USB Type-C to VGA adapter with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro & laptops on risers stands Compact, portable
design
• DEVICE COMPATIBILITY: USB C to VGA adapter works w/ Dell XPS, Precision & Latitude, Lenovo ThinkPad X1
Carbon & Extreme, Surface Laptop 3 & Pro 7 (& up), MacBook Pro/Air (Intel Processor & M1 Chip), HP EliteBook &
ZBook & Chromebook
• DISPLAY COMPATIBILITY: USBC to VGA external video adapter/converter tested for peak performance at
1920x1200p with VGA monitors and projectors including brands like Dell, LG, Asus, Acer, BenQ, HP, Samsung, NEC
& Phillips
• EASY TO USE: USB C to VGA dongle supports driverless setup and is OS independent; Works w/any USB Type-C
(DisplayPort over USB-C) or Thunderbolt 3 (TB3) device USB C male to VGA female




Similar Part No. - CDP2VGAEC

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
CDP235APDM STARTECH-CDP235APDM Datasheet
125Kb / 4P
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ 3.5mm TRRS Headphone/Headset Jack and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
CDP2CAPDM STARTECH-CDP2CAPDM Datasheet
120Kb / 4P
USB C Audio & Charge Adapter - USB-C Audio Adapter w/ USB-C Audio Headphone/Headset Port and 60W USB Type-C Power Delivery Pass-through Charger - For USB-C Phone/Tablet/Laptop
CDP2DP141MBD STARTECH-CDP2DP141MBD Datasheet
94Kb / 4P
3ft (1m) USB C to DisplayPort 1.4 Cable 8K 0Hz/4K - Bidirectional DP to USB-C or USB-C to DP Reversible Video Adapter Cable -HBR3/HDR/DSC - USB Type-C/TB3 Monitor Cable
CDP2DP142MBD STARTECH-CDP2DP142MBD Datasheet
182Kb / 5P
6.6 ft. (2 m) USB-C to DisplayPort 1.4 Cable - Bi- Directional
CDP2DP146B STARTECH-CDP2DP146B Datasheet
100Kb / 4P
6ft/1.8m USB C to DisplayPort 1.4 Cable - 4K/5K/8K USB Type-C to DP 1.4 Alt Mode Video Adapter Converter - HBR3/HDR/DSC - 8K 60Hz DP Monitor Cable for USB-C/Thunderbolt 3
More results


Similar Description - CDP2VGAEC

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U444-06N-V-C TRIPPLITE-U444-06N-V-C Datasheet
512Kb / 2P
USB 3.1 Gen 1 USB-C to VGA DisplayPort Alternate Mode External Video Adapter with USB-C Charging Port
U444-003-V TRIPPLITE-U444-003-V Datasheet
175Kb / 4P
USB 3.1 Gen 1 USB-C to VGA Adapter Cable (M/M), Thunderbolt 3 Compatible, 1920 x 1200 (1080p), 3 ft.
U444-006-V TRIPPLITE-U444-006-V Datasheet
175Kb / 4P
USB 3.1 Gen 1 USB-C to VGA Adapter Cable (M/M), Thunderbolt 3 Compatible, 1920 x 1200 (1080p), 6 ft.
U444-06N-VGUB-C TRIPPLITE-U444-06N-VGUB-C Datasheet
166Kb / 4P
USB 3.1 Gen 1 USB-C to VGA Adapter with USB-A, USB-C PD Charging & Gigabit Ethernet, Thunderbolt 3 Compatible, 1080p, Black
U444-06N-HDV4K TRIPPLITE-U444-06N-HDV4K Datasheet
163Kb / 4P
USB Type-C (USB-C) to HDMI/DVI/VGA All-in-One Converter Adapter, Thunderbolt 3 Compatible, Ultra HD 4K @30Hz
U444-06N-HV4K TRIPPLITE-U444-06N-HV4K Datasheet
165Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI/VGA 4K Adapter (M/2xF), Thunderbolt 3 Compatible, 4K @30Hz
U444-06N-VB-AM TRIPPLITE-U444-06N-VB-AM Datasheet
165Kb / 3P
USB-C to VGA Adapter, Thunderbolt 3 - M/F, USB 3.1, 1080p, Black
U444-06N-VB-C TRIPPLITE-U444-06N-VB-C Datasheet
163Kb / 3P
USB-C to VGA Adapter with PD Charging - USB 3.1 Gen 1, 1920 x 1080 (1080p), Thunderbolt 3, Black
U444-06N-VGA TRIPPLITE-U444-06N-VGA Datasheet
164Kb / 3P
USB 3.1 Gen 1 USB-C to VGA Adapter (M/F), Thunderbolt 3 Compatible, 2048 x 1152 (1080p)
U444-06N-VUB-C TRIPPLITE-U444-06N-VUB-C Datasheet
166Kb / 4P
USB-C to VGA Adapter with USB-A Hub and PD Charging - USB 3.1, Thunderbolt 3, 1080p, Black
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com