Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XFP236 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # XFP236
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFP236 Datasheet(HTML) 5 Page - Renesas Technology Corp

  XFP236 Datasheet HTML 1Page - Renesas Technology Corp XFP236 Datasheet HTML 2Page - Renesas Technology Corp XFP236 Datasheet HTML 3Page - Renesas Technology Corp XFP236 Datasheet HTML 4Page - Renesas Technology Corp XFP236 Datasheet HTML 5Page - Renesas Technology Corp XFP236 Datasheet HTML 6Page - Renesas Technology Corp XFP236 Datasheet HTML 7Page - Renesas Technology Corp XFP236 Datasheet HTML 8Page - Renesas Technology Corp XFP236 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the device. These ratings, which are standard values for
Renesas commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature
range. Thermal characteristics, in actual applications, should be assessed case by case to guarantee junction temperature does not
exceed 125°C.
1 Thermal characteristics are based on simulation in standard condition.
ESD Compliance
Mechanical Testing
* MSL level = 3.
Solder Reflow Profile
Table 3. Absolute Maximum Ratings
Item
Rating
VDD
-0.5V to +3.8V
E/D
-0.5V to +3.8V
Storage Temperature
-55°C to 125°C
Maximum Junction Temperature
125°C
Theta JA 1
2.5 × 2.0 mm (NJG12)
97.0 °C/W
3.2 × 2.5 mm (LNG8)
131.47 °C/W
5.0 × 3.2 mm (LXG8)
138.43 °C/W
Theta JB 1
62.2 °C/W
92.89 °C/W
97.42 °C/W
Table 4. ESD Compliance
Human Body Model (HBM)
2000V
Table 5. Mechanical Testing *
Parameter
Test Method
Mechanical Shock
Half-sine wave with 0.3ms 3000G. X, Y, Z each direction 1 time.
Mechanical Vibration
Frequency: 10 to 55MHz amplitude: 1.5mm.
Frequency: 55–2000Hz peak value: 20G.
Duration time: 4H for each X,Y,Z axis; total 12hours.
High Temp Operating Life (HTOL)
1000 hours at 125°C (under power).
Hermetic Seal
Gross leak (air leak test). Fine leak (Helium leak test) He-pressure: 6kgf/cm² 2 hours.
tP
10 seconds Max within5°C of
260°C peak
Ramp down not to
exceed 6°C/s
Ramp up 3°C/s Max
120 ±20 seconds in
pre-heating area
50 ±10 seconds
above 225°C
reflow area
400 seconds Max from+25°C to 260°C peak
25°C
160°C
180°C
225°C
260°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com