Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE72010 Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 48 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 44Page - Texas Instruments CDCE72010 Datasheet HTML 45Page - Texas Instruments CDCE72010 Datasheet HTML 46Page - Texas Instruments CDCE72010 Datasheet HTML 47Page - Texas Instruments CDCE72010 Datasheet HTML 48Page - Texas Instruments CDCE72010 Datasheet HTML 49Page - Texas Instruments CDCE72010 Datasheet HTML 50Page - Texas Instruments CDCE72010 Datasheet HTML 51Page - Texas Instruments CDCE72010 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
INTERFACE, CONFIGURATION, AND CONTROL
RAMRegisters
EEPROMCells
Interface&Control
ControlSignals
SPI
UNIVERSAL INPUT AND REFERENCE CLOCK BUFFERS
50W
VBB
1
PRI_REF
SEC_REF
::INBUFSEL
::ACDCSEL
(AC=1,DC=0)
TERMSEL::
PRIINVBB::
X
50W
50W
50W
X
X
SECINVBB::
X
X
Y
CDCE72010
SCAS858 – JUNE 2008...................................................................................................................................................................................................... www.ti.com
The CDCE72010 is designed to support various applications with SPI bus interface and without. In the case
where systems lack the SPI bus or a Boot up configuration is required at start up before the management layer is
up the built in EEPROM is used to provide this function.
The Interface bus takes the serialized address and data and writes to the specified RAM bits. The content of the
RAM bits are connected to logical functions in the device. Changing the content of the RAM bits (high or low)
instantly changes the logical functions inside the device.
At power up or after power down is de-asserted the contents of the EEPROM bits are copied to their
corresponding RAM bits. After that the content of RAM can be changed via the SPI bus. When writing to
EEPROM commands are detected on the SPI bus the control logic begins writing the content of the RAM bits
into the corresponding EEPROM bits. This process takes about 50ms. During this time the power supply should
be above 3.2V.
Figure 15. Interface Control
The CDCE72010 is designed to support what is referred to as a Universal Input Buffer structure. This type of
buffer is designed to accept Differential or single ended inputs and it is sensitive enough to act as a LVPECL or
LVDS in differential mode and LVCMOS in Single ended mode. With the proper external termination various
types of inputs signals can be supported. Those inputs will be discussed in a separate document (application
Notes).
The CDCE72010 has two internal voltage biasing circuitries. One to set the termination voltage for references
(PRI_REF and SEC_REF) and the second biasing circuitry is to set the termination voltage to the VCXO_IN and
AUX_IN. This means that we can only have one type of differential signal on PRI_REF and SEC_REF and only
one type of differential signal on VCXO_IN and AUX_IN.
Figure 16. PRI_REF AND SEC_REF Voltage Biasing Circuitry
48
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com