Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDCE72010 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # CDCE72010
Description  Ten Output High Performance Clock Synchronizer, Jitter Cleaner, and Clock Distributor
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE72010 Datasheet(HTML) 27 Page - Texas Instruments

Back Button CDCE72010 Datasheet HTML 23Page - Texas Instruments CDCE72010 Datasheet HTML 24Page - Texas Instruments CDCE72010 Datasheet HTML 25Page - Texas Instruments CDCE72010 Datasheet HTML 26Page - Texas Instruments CDCE72010 Datasheet HTML 27Page - Texas Instruments CDCE72010 Datasheet HTML 28Page - Texas Instruments CDCE72010 Datasheet HTML 29Page - Texas Instruments CDCE72010 Datasheet HTML 30Page - Texas Instruments CDCE72010 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
CDCE72010
www.ti.com...................................................................................................................................................................................................... SCAS858 – JUNE 2008
Register 6: SPI Mode
SPI
RAM
POWER UP
BIT NAME
RELATED BLOCK
DESCRIPTION/FUNCTION
BIT
BIT
CONDITION
0
A0
Address 0
0
1
A1
Address 1
1
2
A2
Address 2
1
3
A3
Address 3
0
0 Feedback Frequency Detector is connected to the Lock Detector
4
0
FB_FD_DESEL
1 Feedback Frequency Detector is disconnected from the Lock Detector
LOCK-DET
EEPROM
5
1
RESERVED
Set to 0
0 FB-Deterministic Clock divided by 1
6
2
FBDETERM_DIV_SEL
1 FB- Deterministic Clock divided by 2
FB-
0 FB-Deterministic-DIV2-Block in normal operation
7
3
FBDETERM_DIV2_DIS
Divider/Deterministi
EEPROM
1 FB-Deterministic-DIV2 reset (here REG6_RB<2> == 0)
c Blocks
0 FB-Divider started with delay block (RC), normal operation
8
4
FB_START_BYPASS
1 FB-Divider can be started with external REF_SEL-signal (pin)
All Output Dividers
0 Output-Dividers started with delay block (RC), normal operation
9
5
DET_START_BYPASS
EEPROM
1 Output-Dividers can be started with external NRESET-signal (pin)
10
6
PH6ADJC0
Output 6
11
7
PH6ADJC1
12
8
PH6ADJC2
13
9
PH6ADJC3
Coarse phase adjust select for Output Divider 6
EEPROM
14
10
PH6ADJC4
15
11
PH6ADJC5
16
12
PH6ADJC6
17
13
OUT6DIVRSEL0
18
14
OUT6DIVRSEL1
19
15
OUT6DIVRSEL2
Output Divider 6 ratio select
20
16
OUT6DIVRSEL3
Output 6
EEPROM
(seeTable 7)
21
17
OUT6DIVRSEL4
22
18
OUT6DIVRSEL5
23
19
OUT6DIVRSEL6
When set to 0, the divider is disabled
24
20
EN6DIV
Output 6
EEPROM
When set to 1, the divider is enabled
25
21
PECL6HISWING
Output 6
High Output Voltage Swing in LVPECL Mode if set to 1
EEPROM
26
22
CMOSMODE6PX
LVCMOS mode select for OUTPUT 6 Positive Pin.
Output 6
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
27
23
CMOSMODE6PY
28
24
CMOSMODE6NX
LVCMOS mode select for OUTPUT 6 Negative Pin.
Output 6
EEPROM
(X,Y) = 00: Active, 10: Inverting, 11: Low, 01: 3-State
29
25
CMOSMODE6NY
RAM BITS
OUTPUT TYPE
30
26
OUTBUFSEL6X
Output 6
22
23
24
25
26
27
EEPROM
LVPECL
0
0
0
0
0
1
LVDS
0
1
0
1
1
1
31
27
OUTBUFSEL6Y
Output 6
LVCMOS
See Settings Above(1)
0
0
EEPROM
All Outputs Disabled
0
1
0
1
1
0
(1)
Use description for bits 22,23,24, and 25 for setting the LVCMOS outputs
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): CDCE72010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com