Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA006 Datasheet(PDF) 6 Page - Microchip Technology

Part # PIC24FJ64GA006
Description  PIC24FJ128GA010 Family Rev. A4 Silicon Errata
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA006 Datasheet(HTML) 6 Page - Microchip Technology

Back Button PIC24FJ64GA006 Datasheet HTML 2Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 3Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 4Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 9Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 10Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PIC24FJ128GA010
DS80330A-page 6
© 2007 Microchip Technology Inc.
28. Module: Output Compare
In PWM mode, the output compare module may
miss a compare event when the current duty cycle
register (OCxRS) value is 0x0000 (0% duty cycle)
and the OCxRS register is updated with a value of
0x0001. The compare event is only missed the first
time a value of 0x0001 is written to OCxRS and the
PWM output remains low for one PWM period.
Subsequent PWM high and low times occur as
expected.
Work around
If the current OCxRS register value is 0x0000,
avoid writing a value of 0x0001 to OCxRS.
Instead, write a value of 0x0002. In this case, how-
ever, the duty cycle will be slightly different from
the desired value.
Date Codes that pertain to this issue:
All engineering and production devices.
29. Module: RTCC
The RTCC alarm repeat will generate an incorrect
number of pin toggles. If the repeat count (x) is
even, it will toggle the alarm pin ‘x’ times. If the
repeat count is odd, one less than x toggles will be
observed (x – 1).
Work around
None at this time.
Date Codes that pertain to this issue:
All engineering and production devices.
30. Module: RTCC
When performing writes to the ALCFGRPT regis-
ter, some bits may become corrupted. The error
occurs because of desynchronization between the
CPU clock domain and the RTCC clock domain.
The error causes data from the instruction follow-
ing the ALCFGRPT instruction to overwrite the
data in ALCFGRPT.
Work around
Always follow writes to the ALCFGRPT register
with an additional write of the same data to a
dummy location. These writes can be performed to
RAM locations, W registers or unimplemented
SFR space.
The optimal way to perform the work around:
1. Read ALCFGRPT into a RAM location.
2. Modify the ALCFGRPT data, as required, in
RAM.
3. Move the RAM value into ALCFGRPT and a
dummy location in back-to-back instructions.
Date Codes that pertain to this issue:
All engineering and production devices.
31. Module: CRC
If a CRC FIFO overflow occurs, the VWORD indi-
cator will reset to ‘1’ instead of ‘0’. Further writes to
the FIFO will cause the VWORD indicator to reset
to ‘0’ after seven writes are performed.
Work around
Poll the CRCFUL bit (CRCCON<7>) to ensure that
no writes are performed on the FIFO when it is full.
Date Codes that pertain to this issue:
All engineering and production devices.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com