Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24FJ64GA006 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC24FJ64GA006
Description  PIC24FJ128GA010 Family Rev. A4 Silicon Errata
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ64GA006 Datasheet(HTML) 1 Page - Microchip Technology

  PIC24FJ64GA006 Datasheet HTML 1Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 2Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 3Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 4Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 5Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 6Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 7Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 8Page - Microchip Technology PIC24FJ64GA006 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© 2007 Microchip Technology Inc.
DS80330A-page 1
PIC24FJ128GA010
The PIC24FJ128GA010 family Rev. A4 parts you have
received conform functionally to the Device Data Sheet
(DS39747C), except for the anomalies described below.
Any Data Sheet Clarification issues related to the
PIC24FJ128GA010 Family will be reported in a separate
Data Sheet errata. Please check the Microchip web site
for any existing issues.
The
following
silicon
errata
apply
only
to PIC24FJ128GA010 devices with these Device/
Revision IDs:
1. Module: Core
With Doze mode enabled, DOZEN (CLKDIV<11>)
set, and the CPU Peripheral Clock Ratio Select
bits (CLKDIV<14:12>) configured to any value
except 0b000, writes to SFR locations can not be
performed.
Work around
Disable Doze mode, or select 1:1 CPU peripheral
clock ratio before modifying stated SFR locations,
or avoid writing stated locations while Doze mode
is enabled and CPU peripheral clock ratio other
than 1:1 is selected. Configure the device prior to
entering Doze mode and use the mode only to
monitor applications activity.
Date Codes that pertain to this issue:
All engineering and production devices.
2. Module: JTAG
The current JTAG programming implementation is
not compatible with third party programmers using
SVF (Serial Vector Format) description language.
JTAG boundary scan is supported by third party
JTAG solutions and is not affected.
Work around
Program
devices
with
In-Circuit
Serial
Programming™. JTAG programming can be
accomplished using custom JTAG software. The
current implementation may not be supported in
future PIC24F revisions. JTAG boundary scan is
supported.
Date Codes that pertain to this issue:
All engineering and production devices.
3
Module: PMP
In Master mode (MODE<1:0> = 11 or 10), back-
to-back operations may cause the PMRD signal to
not be generated. This limitation occurs when the
peripheral is configured for zero wait states
(WAITM<3:0> = 0000).
Work around
The PMRD signal will be generated correctly if a
minimum of one instruction cycle delay is inserted
between the back-to-back operations. A NOP
instruction, or any other instruction, is adequate.
Selecting a delay other than zero will also permit
the PMRD signal to be generated.
Date Codes that pertain to this issue:
All engineering and production devices.
4. Module: Interrupts
The device may not exit Doze mode if certain trap
conditions occur. Address error, stack error and
math error traps are affected. Oscillator failure and
all interrupt sources are not affected and can
cause the device to correctly exit Doze mode.
Work around
None.
Date Codes that pertain to this issue:
All engineering and production devices.
Part Number
Device ID
Revision ID
PIC24FJ128GA010
040Dh
04h
PIC24FJ96GA010
040Ch
04h
PIC24FJ64GA010
040Bh
04h
PIC24FJ128GA008
040Ah
04h
PIC24FJ96GA008
0409h
04h
PIC24FJ64GA008
0408h
04h
PIC24FJ128GA006
0407h
04h
PIC24FJ96GA006
0406h
04h
PIC24FJ64GA006
0405h
04h
The Device IDs (DEVID and DEVREV) are located at
the last two implemented addresses in program
memory. They are shown in hexadecimal in the
format “DEVID DEVREV”.
PIC24FJ128GA010 Family Rev. A4 Silicon Errata


Similar Part No. - PIC24FJ64GA006

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC24FJ64GA006 MICROCHIP-PIC24FJ64GA006 Datasheet
3Mb / 232P
General Purpose, 16-Bit Flash Microcontrollers
2006
PIC24FJ64GA006 MICROCHIP-PIC24FJ64GA006 Datasheet
2Mb / 258P
64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
PIC24FJ64GA006 MICROCHIP-PIC24FJ64GA006 Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA006 MICROCHIP-PIC24FJ64GA006 Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
PIC24FJ64GA006 MICROCHIP-PIC24FJ64GA006 Datasheet
681Kb / 52P
PIC24FJXXXGA0XX Flash Programming Specification
01/02/08
More results

Similar Description - PIC24FJ64GA006

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC860UMAD MOTOROLA-MPC860UMAD Datasheet
211Kb / 4P
Errata to the MPC860 PowerQUICC??Family User?셲 Manual, Rev. 2
logo
Microchip Technology
PIC16C662 MICROCHIP-PIC16C662 Datasheet
65Kb / 4P
PIC16C662 Rev. A Silicon Errata Sheet
1998 - 1999
PIC16C642 MICROCHIP-PIC16C642 Datasheet
63Kb / 5P
PIC16C642 Rev. A Silicon Errata Sheet
1998 - 2002
PIC16C73A MICROCHIP-PIC16C73A Datasheet
68Kb / 4P
Errata Sheet for Rev. B PIC16C73A Silicon
1996
PIC18F8720 MICROCHIP-PIC18F8720 Datasheet
289Kb / 12P
Rev. A4 Silicon/Data Sheet Errata
2005
PIC12F508-I-SN MICROCHIP-PIC12F508-I-SN Datasheet
277Kb / 4P
PIC12F508/509 Rev. A Silicon/Data Sheet Errata
06/25/07
PIC16C74A-JW MICROCHIP-PIC16C74A-JW Datasheet
94Kb / 8P
PIC16C74A Rev. A Silicon Errata Sheet
01/30/01
PIC10F222-IP MICROCHIP-PIC10F222-IP Datasheet
179Kb / 6P
PIC10F220/222 Rev. A Silicon Errata
02/16/06
PIC16CR83 MICROCHIP-PIC16CR83 Datasheet
64Kb / 4P
PIC16CR83 Rev. A Silicon Errata Sheet
11/15/99
logo
Silicon Laboratories
SI4320-J1-FTR SILABS-SI4320-J1-FTR Datasheet
368Kb / 15P
Si4x3x Errata (rev. B)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com