Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH560 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TH560
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH560 Datasheet(HTML) 2 Page - STMicroelectronics

  TH560 Datasheet HTML 1Page - STMicroelectronics TH560 Datasheet HTML 2Page - STMicroelectronics TH560 Datasheet HTML 3Page - STMicroelectronics TH560 Datasheet HTML 4Page - STMicroelectronics TH560 Datasheet HTML 5Page - STMicroelectronics TH560 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ELECTRICAL SPECIFICATIONS (Tcase
= 25°C)
Symbol
Test Conditi ons
Value
Unit
Min .
Typ.
Max.
POUT
f
= 30 MHz
VCE
= 28 V
ICQ
= 750 mA
220
—
—
W
PG*POUT
= 220 W PEP
VCE
= 28 V
ICQ
= 750 mA
12
—
—
dB
IMD*
POUT
= 220 W PEP
VCE
= 28 V
ICQ
= 750 mA
—
—
−30
dBc
ηc*
POUT
= 220 W PEP
VCE
= 28 V
ICQ
= 750 mA
40
—
—
%
COB
f
= 1 MHz
VCB
= 28 V
—
450
—
pF
Load
Mismatch
POUT
= 220 W PEP
VCE
= 28 V
ICQ
= 750 mA
—
∞:1
—
VSWR
Note:
* f1
= 30.00 MHz, f
2
= 30.001 MHz
STATIC
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
BVCES
IC
= 100 mA
VBE
= 0 V
70
—
—
V
BVCEO
IC
= 200 mA
IB
= 0mA
35
—
—
V
BVEBO
IE
= 20 mA
IC
= 0mA
4.0
—
—
V
ICEO
VCE
= 30 V
IE
= 0mA
—
—
5
mA
ICES
VCE
= 35 V
IE
= 0mA
—
—
5
mA
hFE
VCE
= 5V
IC
= 7A
15
—
60
—
DYNAMIC
TYPICAL PERFORMANCE
POWER OUTPUT PEP vs POWER INPUT
COLLECTOR EFFICIENCY vs POWER OUTPUT
PEP
SD1730 (TH560)
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com