Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TH560 Datasheet(PDF) 4 Page - STMicroelectronics

Part # TH560
Description  RF & MICROWAVE TRANSISTORS HF SSB APPLICATIONS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TH560 Datasheet(HTML) 4 Page - STMicroelectronics

  TH560 Datasheet HTML 1Page - STMicroelectronics TH560 Datasheet HTML 2Page - STMicroelectronics TH560 Datasheet HTML 3Page - STMicroelectronics TH560 Datasheet HTML 4Page - STMicroelectronics TH560 Datasheet HTML 5Page - STMicroelectronics TH560 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
C1
: 180pF
C2, C4, C6,
C8, C10, C12
C14, C16 : Arco 428
C3
: 820pF
C5, C13
: 680pF
C7, C11
: 1.2nF
C9
: 1.5nF
C17, C22 : 470
µF, 40V
C18
: 10nF
C19, C21
C23
: 1nF
C20, C24 : 100nF, 63V
L1
: 3 Turns, Diameter 10mm, 1.3mm Wire, Length 10mm
L2, L5 : Hair Pin Copper foil 40 x 5mm, 0.2mm Thick
L3, L4 : Hair Pin Copper Foil 10 x 5mm, 0.2mm Thick
L6
: 5 Turns, Diameter 10mm, 1.3mm Wire, Length 15mm
L7
: 3 Turns, Diameter 10mm, 1.3mm Wire, Length 25mm
L8
: Choke
L9
: Choke
L10
: Choke
TEST CIRCUIT
SD1730 (TH560)
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com