Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTC322 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # XTC322
Description  XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XTC322 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button XTC322 Datasheet HTML 9Page - Renesas Technology Corp XTC322 Datasheet HTML 10Page - Renesas Technology Corp XTC322 Datasheet HTML 11Page - Renesas Technology Corp XTC322 Datasheet HTML 12Page - Renesas Technology Corp XTC322 Datasheet HTML 13Page - Renesas Technology Corp XTC322 Datasheet HTML 14Page - Renesas Technology Corp XTC322 Datasheet HTML 15Page - Renesas Technology Corp XTC322 Datasheet HTML 16Page - Renesas Technology Corp XTC322 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13
©2021 Renesas Electronics Corporation
R31DS0007EU0100 April 8, 2021
XT Datasheet
3.3V LVPECL Output Termination
Figure 4 shows an example of termination for 3.3V LVPECL driver.
Figure 4. 3.3V LVPECL Driver Termination Example
2.5V LVPECL Output Termination
Figure 5 shows an example of termination for 2.5V LVPECL driver.
Figure 5. 2.5V LVPECL Driver Termination Example
1.8V LVPECL Output Termination
Figure 6 shows an example of termination for 1.8V LVPECL driver.
Figure 6. 1.8V LVPECL Driver Termination Example
1.8V LVPECL Driver
Vcco = 1.8V
1.8V
R1
50
R2
50
50Ω
50Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com