Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XTC322 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # XTC322
Description  XT Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XTC322 Datasheet(HTML) 2 Page - Renesas Technology Corp

  XTC322 Datasheet HTML 1Page - Renesas Technology Corp XTC322 Datasheet HTML 2Page - Renesas Technology Corp XTC322 Datasheet HTML 3Page - Renesas Technology Corp XTC322 Datasheet HTML 4Page - Renesas Technology Corp XTC322 Datasheet HTML 5Page - Renesas Technology Corp XTC322 Datasheet HTML 6Page - Renesas Technology Corp XTC322 Datasheet HTML 7Page - Renesas Technology Corp XTC322 Datasheet HTML 8Page - Renesas Technology Corp XTC322 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
©2021 Renesas Electronics Corporation
R31DS0007EU0100 April 8, 2021
XT Datasheet
Ordering Information
XT
Family and ASIC
L
Output Type
3
Package
1
Voltage
2
Precision
125.000000
Frequency
I
Temperature Range
 I: Extended industrial range: ‐40 to +85°C
 125.000000 Listed in MHz as example
 3 digits before decimal and 6 digits past decimal
 015.000000 to 099.999999 15MHz to 99.999999MHz
 100.000000 to 999.999999 100MHz to 999.999999MHz
 A00.000000 to A99.999999 1000MHz to 1099.999999MHz
 B00.000000 to B99.999999 1100MHz to 1199.999999MHz
 C00.000000 to C99.999999 1200MHz to 1299.999999MHz
 D00.000000 to D99.999999 1300MHz to 1399.999999MHz
 E00.000000 to E99.999999 1400MHz to 1499.999999MHz     
 F00.000000 to F99.999999 1500MHz to 1599.999999MHz
 G00.000000 to G99.999999 1600MHz to 1699.999999MHz
 H00.000000 to H99.999999 1700MHz to 1799.999999MHz
 I00.000000 to I99.999999 1800MHz to 1899.999999MHz
 J00.000000 to J99.999999 1900MHz to 1999.999999MHz
 K00.000000 to K99.999999 2000MHz to 2099.999999MHz
  
L00.000000 2100MHz
  2: ±13ppm for life (±3ppm
         for temperature stability)
 1: 1.8 VDC ±5%
 2: 2.5 VDC ±5%
 3: 3.3 VDC ±5%
 3: 3.2 x 2.5 mm
 C: CML Enable/Disable Pin 1
 L: LVDS Enable/Disable Pin 1
 P: LVPECL Enable/Disable Pin 1
 N: HCSL Enable/Disable Pin 1
 XT: 150fs jitter
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com