Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95040-WDW6TP Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95040-WDW6TP
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-WDW6TP Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95040-WDW6TP Datasheet HTML 6Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 7Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 8Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 9Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 10Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 11Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 12Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 13Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
M95040, M95020, M95010
10/37
Status Register
Figure 7. shows the position of the Status Register
in the control logic of the device. This register con-
tains a number of control bits and status bits, as
shown in Table 3..
Bits b7, b6, b5 and b4 are always read as 1.
WIP bit. The Write In Progress bit is a volatile
read-only bit that is automatically set and reset by
the internal logic of the device. When set to a 1, it
indicates that the memory is busy with a Write cy-
cle.
WEL bit. The Write Enable Latch bit is a volatile
read-only bit that is set and reset by specific in-
structions. When reset to 0, no WRITE or WRSR
instructions are accepted by the device.
BP1, BP0 bits. The Block Protect bits are non-
volatile read-write bits. These bits define the area
of memory that is protected against the execution
of Write cycles, as summarized in Table 4..
Table 3. Status Register Format
Data Protection and Protocol Control
To help protect the device from data corruption in
noisy or poorly controlled environments, a number
of safety features have been built in to the device.
The main security measures can be summarized
as follows:
–
The WEL bit is reset at power-up.
–
Chip Select (S) must rise after the eighth clock
count (or multiple thereof) in order to start a
non-volatile Write cycle (in the memory array
or in the Status Register).
–
Accesses to the memory array are ignored
during the non-volatile programming cycle,
and the programming cycle continues
unaffected.
–
Invalid Chip Select (S) and Hold (HOLD)
transitions are ignored.
For any instruction to be accepted and executed,
Chip Select (S) must be driven High after the rising
edge of Serial Clock (C) that latches the last bit of
the instruction, and before the next rising edge of
Serial Clock (C).
For this, “the last bit of the instruction” can be the
eighth bit of the instruction code, or the eighth bit
of a data byte, depending on the instruction (ex-
cept in the case of RDSR and READ instructions).
Moreover, the "next rising edge of CLOCK" might
(or might not) be the next bus transaction for some
other device on the bus.
When a Write cycle is in progress, the device pro-
tects it against external interruption by ignoring
any subsequent READ, WRITE or WRSR instruc-
tion until the present cycle is complete.
Table 4. Write-Protected Block Size
b7
b0
1
1
1
1
BP1
BP0
WEL
WIP
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit
Status Register Bits
Protected Block
Array Addresses Protected
BP1
BP0
M95040
M95020
M95010
0
0
none
none
none
none
0
1
Upper quarter
180h - 1FFh
C0h - FFh
60h - 7Fh
1
0
Upper half
100h - 1FFh
80h - FFh
40h - 7Fh
1
1
Whole memory
000h - 1FFh
00h - FFh
00h - 7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com