Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M95040-WDW6TP Datasheet(PDF) 12 Page - STMicroelectronics

Part # M95040-WDW6TP
Description  4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95040-WDW6TP Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M95040-WDW6TP Datasheet HTML 8Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 9Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 10Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 11Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 12Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 13Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 14Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 15Page - STMicroelectronics M95040-WDW6TP Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
M95040, M95020, M95010
12/37
INSTRUCTIONS
Each instruction starts with a single-byte code, as
summarized in Table 5..
If an invalid instruction is sent (one not contained
in Table 5.), the device automatically deselects it-
self.
Table 5. Instruction Set
Note: 1. A8 = 1 for the upper half of the memory array of the
M95040, and 0 for the lower half, and is Don’t Care for
other devices.
2. X = Don’t Care.
Instruc
tion
Description
Instruction
Format
WREN
Write Enable
0000 X110
WRDI
Write Disable
0000 X100
RDSR
Read Status Register
0000 X101
WRSR
Write Status Register
0000 X001
READ
Read from Memory Array
0000 A8011
WRITE
Write to Memory Array
0000 A8010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com