Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT705 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT705 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT705 Datasheet HTML 1Page - Catalyst Semiconductor CAT705 Datasheet HTML 2Page - Catalyst Semiconductor CAT705 Datasheet HTML 3Page - Catalyst Semiconductor CAT705 Datasheet HTML 4Page - Catalyst Semiconductor CAT705 Datasheet HTML 5Page - Catalyst Semiconductor CAT705 Datasheet HTML 6Page - Catalyst Semiconductor CAT705 Datasheet HTML 7Page - Catalyst Semiconductor CAT705 Datasheet HTML 8Page - Catalyst Semiconductor CAT705 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CAT705, CAT706, CAT813
© Catalyst Semiconductor, Inc.
1
Doc. No. MD-3030, Rev. A
Characteristics subject to change without notice
µP Supervisory Circuits
FEATURES
Accurate under voltage system monitoring
RESET
¯¯¯¯¯¯ guaranteed valid for VCC = 1.0V
6µA supply current
200ms RESET pulse width
Watchdog timer function 1.6 sec timeout
Brownout detection system reset for use with
3.0, 3.6, and 5.0 volt systems
Pin and function compatible with the
MAX705/706/813L products
Operating Range from -40°C to +85°C
Available in SOIC 8-lead and MSOP 8-lead
packages
APPLICATIONS
Microprocessor and microcontroller based
systems
Intelligent instruments
Control systems
Critical µP monitors
Portable equipment
DESCRIPTION
The CAT705, CAT706, and CAT813 provide reset and
monitoring functions for the electronic systems. Each
device monitors the system voltage and maintains a
reset output until that voltage reaches the device’s
specified trip value and then maintains the reset
output active condition until the device’s internal timer
allows the system power supply to stabilize.
The CAT705, CAT706, and CAT813 have a watchdog
input which can be used to monitor a system signal
and cause a reset to be issued if the signal fails to
change state prior to a timeout condition.
The CAT705 and CAT706 provide a manual RESET
¯¯¯¯¯¯
input which initiate reset if pulled low. The CAT705,
CAT706 and CAT813 provide a RESET output which
is low for the CAT705 and CAT706, but high for the
CAT813.
There is a secondary supply monitor included for
power-fail warning (pin PFI).
The CAT706 has a threshold voltage 4.40V. The
CAT705/ CAT813 have a threshold voltage of 4.65V.
For Ordering Information details, see page 13.
PIN CONFIGURATION
SOIC 8-Lead
2
3
1
4
WDO
WDI
8
RESET
7
6
MR
VCC
PFI
PFO
5
GND
(RESET for CAT813)
MSOP 8-Lead
2
3
1
4
WDI
PFI
8
PFO
7
6
RESET
(RESET for CAT813)
WDO
VCC
GND
5
MR
PIN FUNCTIONS
Pin Name
Function
MR
¯¯¯
Manual Reset input
VCC
Power Supply
GND
Ground
PFI
Power Fail voltage monitor Input.
PFO
¯¯¯¯
Power Fail Output
WDI
Watchdog Timer Input
RESET
¯¯¯¯¯¯
CMOS Push-Pull Active Low Reset
Output (CAT705 & CAT706)
RESET
CMOS Push-Pull Active High Reset
Output (CAT813)
WDO
¯¯¯¯¯
Watchdog Timer Output


Similar Part No. - CAT705

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
CAT705VI-G ONSEMI-CAT705VI-G Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
CAT705VI-GT3 ONSEMI-CAT705VI-GT3 Datasheet
137Kb / 12P
uP Supervisory Circuits
April, 2012 ??Rev. 7
CAT705ZI-G ONSEMI-CAT705ZI-G Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
CAT705ZI-GT3 ONSEMI-CAT705ZI-GT3 Datasheet
137Kb / 12P
uP Supervisory Circuits
April, 2012 ??Rev. 7
More results

Similar Description - CAT705

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351 Datasheet
107Kb / 8P
Dual/Triple-Voltage 關P Supervisory Circuits
Rev 1; 10/99
logo
Micrel Semiconductor
MIC70 MICREL-MIC70 Datasheet
177Kb / 8P
關P Supervisory Circuits
MIC706P MICREL-MIC706P Datasheet
185Kb / 8P
關P Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_05 Datasheet
327Kb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
Rev 6; 12/05
logo
Micrel Semiconductor
MIC706P MICREL-MIC706P_06 Datasheet
159Kb / 7P
關P Supervisory Circuit
logo
PulseCore Semiconductor
ASM161 PULSECORE-ASM161 Datasheet
189Kb / 9P
關P Supervisory Circuit
logo
ON Semiconductor
CAT705 ONSEMI-CAT705 Datasheet
128Kb / 14P
關P Supervisory Circuits
Doc. No. MD-3030, Rev. D
logo
Micrel Semiconductor
MIC1832 MICREL-MIC1832_06 Datasheet
149Kb / 7P
關P Supervisory Circuit
logo
Maxim Integrated Produc...
MAX6351 MAXIM-MAX6351_V01 Datasheet
1Mb / 11P
Dual/Triple-Voltage 關P Supervisory Circuits
2014
MAX705 MAXIM-MAX705_V01 Datasheet
898Kb / 12P
Low-Cost, 關P Supervisory Circuits
2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com