Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT705 Datasheet(PDF) 13 Page - Catalyst Semiconductor

Part # CAT705
Description  關P Supervisory Circuits
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT705 Datasheet(HTML) 13 Page - Catalyst Semiconductor

Back Button CAT705 Datasheet HTML 6Page - Catalyst Semiconductor CAT705 Datasheet HTML 7Page - Catalyst Semiconductor CAT705 Datasheet HTML 8Page - Catalyst Semiconductor CAT705 Datasheet HTML 9Page - Catalyst Semiconductor CAT705 Datasheet HTML 10Page - Catalyst Semiconductor CAT705 Datasheet HTML 11Page - Catalyst Semiconductor CAT705 Datasheet HTML 12Page - Catalyst Semiconductor CAT705 Datasheet HTML 13Page - Catalyst Semiconductor CAT705 Datasheet HTML 14Page - Catalyst Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
CAT705, CAT706, CAT813
© Catalyst Semiconductor, Inc.
13
Doc. No. MD-3030, Rev. A
Characteristics subject to change without notice
EXAMPLE OF ORDERING INFORMATION
(1)
TOP MARKING INFORMATION (FOR ALL THRESHOLDS)
NiPdAu Finish (-G)
Device #
Package
Top Marking
CAT705
MSOP
ABRT
CAT706
MSOP
ABRT
CAT813
MSOP
ABRS
ORDERING PART NUMBER
Order Part Number
Threshold Voltage
CAT705VI-G
CAT705ZI-G
4.65V
CAT706VI-G
CAT706ZI-G
4.40V
CAT706RVI-G
CAT706RZI-G
2.63
CAT706SVI-G
CAT706SZI-G
2.93
CAT706TVI-G
CAT706TZI-G
3.08
CAT813VI-G
CAT813ZI-G
4.65V
Notes:
(1) All packages are RoHS-compliant (Lead-free, Halogen-free).
(2) The standard lead finish is NiPdAu.
(3) This device used in the above example is a CAT706RVI -GT3 (2.63V, SOIC 8-Lead, Industrial Temperature, NiPdAu, Tape & Reel,
3,000/reel)
(4) Contact factory for package availability.
Prefix
Device #
Suffix
CAT
706
R
V
I
- G
T3
Optional
Company ID
Package
V: SOIC 8-Lead
Z: MSOP 8-Lead
Temperature Range
I = In
dustrial (-40ºC to 85ºC)
Reset Threshold Voltage
Blank: See Ordering Part
Number table
T: 3.08V
S: 2.93V
R: 2.63V
Product
Number
705
706
813
Tape & Reel
T: Tape & Reel
3: 3000/Reel
Lead Finish
G:NiPdAu



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com