Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0198 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0198
Description  DS18B20 ArduinoTemperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0198 Datasheet(HTML) 1 Page - DFROBOT

  DFR0198 Datasheet HTML 1Page - DFROBOT DFR0198 Datasheet HTML 2Page - DFROBOT DFR0198 Datasheet HTML 3Page - DFROBOT DFR0198 Datasheet HTML 4Page - DFROBOT DFR0198 Datasheet HTML 5Page - DFROBOT DFR0198 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SKU:DFR0198 (https://www.dfrobot.com/product-
689.html)
(https://www.dfrobo
t.com/product-
689.html)
Introduction
This is a
waterproofed
version of the
DS18B20 Arduino
Temperature sensor
(https://www.dfrobot.com/product-689.html). Handy for when you need to
measure something far away, or in wet conditions. While the sensor is good up
to 125℃ the cable is jacketed in PVC so we suggest keeping it under 100℃.
Because they are digital, you don't get any signal degradation even over long
distances! The DS18B20 provides 9 to 12-bit (configurable) temperature
readings over a 1-Wire interface, so that only one wire (and ground) needs to be
connected from a central microprocessor.Usable with 3.0-5.5V systems. Because
each DS18B20 contains a unique silicon serial number, multiple DS18B20s can
exist on the same 1-Wire bus. This allows for placing temperature sensors in
many different places. Applications where this feature is useful include HVAC
environmental controls, sensing temperatures inside buildings,equipment or
machinery, and process monitoring and control.
Specification
Usable with 3.0V to 5.5V power/data
℃
℃
℃
7/7/24, 4:55 PM
Waterproof_DS18B20_Digital_Temperature_Sensor__SKU_DFR0198_-DFRobot
https://wiki.dfrobot.com/Waterproof_DS18B20_Digital_Temperature_Sensor__SKU_DFR0198_#target_4
1/6


Similar Part No. - DFR0198

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0191 DFROBOT-DFR0191 Datasheet
85Kb / 3P
Mega 2560 V3.0 (Arduino Mega 2560 R3 Compatible)
More results

Similar Description - DFR0198

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
sensor
logo
Murata Manufacturing Co...
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
Sensor
IML-0650 MURATA-IML-0650_17 Datasheet
181Kb / 2P
Sensor
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
Sensor
IRA-S410ST03 MURATA-IRA-S410ST03_17 Datasheet
219Kb / 3P
Sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
SENSOR QUARTZ PRESSURE SENSOR
logo
SparkFun Electronics
SEN-11050 SPARKFUN-SEN-11050 Datasheet
358Kb / 2P
Temperature Sensor - Waterproof (DS18B20)
9-9-21
logo
Maxim Integrated Produc...
DS18B20EVKIT MAXIM-DS18B20EVKIT Datasheet
995Kb / 7P
DS18B20 Evaluation System
2019
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com