Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0198 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0198
Description  DS18B20 ArduinoTemperature sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0198 Datasheet(HTML) 2 Page - DFROBOT

  DFR0198 Datasheet HTML 1Page - DFROBOT DFR0198 Datasheet HTML 2Page - DFROBOT DFR0198 Datasheet HTML 3Page - DFROBOT DFR0198 Datasheet HTML 4Page - DFROBOT DFR0198 Datasheet HTML 5Page - DFROBOT DFR0198 Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
±0.5℃ Accuracy from -10℃ to +85℃
Usable temperature range: -55 to 125℃ (-67℉ to +257℉)
9 to 12 bit selectable resolution
Uses 1-Wire interface- requires only one digital pin for communication
Unique 64 bit ID burned into chip
Multiple sensors can share one pin
Temperature-limit alarm system
Query time is less than 750ms
3 wires interface:
Red wire - VCC
Black wire - GND
Yellow wire - DATA
Stainless steel tube 6mm diameter by 35mm long
Cable diameter: 4mm
Length: 90cm
Dimensional Drawing
7/7/24, 4:55 PM
Waterproof_DS18B20_Digital_Temperature_Sensor__SKU_DFR0198_-DFRobot
https://wiki.dfrobot.com/Waterproof_DS18B20_Digital_Temperature_Sensor__SKU_DFR0198_#target_4
2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com