Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0627 Datasheet(PDF) 7 Page - DFROBOT

Part # DFR0627
Description  Gravity: IIC to dual UART module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0627 Datasheet(HTML) 7 Page - DFROBOT

Back Button DFR0627 Datasheet HTML 3Page - DFROBOT DFR0627 Datasheet HTML 4Page - DFROBOT DFR0627 Datasheet HTML 5Page - DFROBOT DFR0627 Datasheet HTML 6Page - DFROBOT DFR0627 Datasheet HTML 7Page - DFROBOT DFR0627 Datasheet HTML 8Page - DFROBOT DFR0627 Datasheet HTML 9Page - DFROBOT DFR0627 Datasheet HTML 10Page - DFROBOT DFR0627 Datasheet HTML 11Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
2023/10/12 10:51
Gravity: IIC to dual UART module Wiki - DFRobot
https://wiki.dfrobot.com/Gravity: IIC to Dual UART Module SKU: DFR0627
7/16
install the library? (https://www.arduino.cc/en/Guide/Libraries#.UxU8mdzF9H0))
Connection Diagram
NOTE: Before running the program below, check if all the DIP switchs of the module is turned to "1". If it is not, swtich them to 1, or
revise the values passed into the formal parameter IA1 and IA0 of the constrctor in the demo below.
Sample Code 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com