Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0627 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0627
Description  Gravity: IIC to dual UART module
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0627 Datasheet(HTML) 8 Page - DFROBOT

Back Button DFR0627 Datasheet HTML 4Page - DFROBOT DFR0627 Datasheet HTML 5Page - DFROBOT DFR0627 Datasheet HTML 6Page - DFROBOT DFR0627 Datasheet HTML 7Page - DFROBOT DFR0627 Datasheet HTML 8Page - DFROBOT DFR0627 Datasheet HTML 9Page - DFROBOT DFR0627 Datasheet HTML 10Page - DFROBOT DFR0627 Datasheet HTML 11Page - DFROBOT DFR0627 Datasheet HTML 12Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
2023/10/12 10:51
Gravity: IIC to dual UART module Wiki - DFRobot
https://wiki.dfrobot.com/Gravity: IIC to Dual UART Module SKU: DFR0627
8/16
Sample Code 1
Write a demo to allow UART1 and UART2 to realize the function of self-transmitting and self-receiving. Connect pinT of UART1 to its pinR,
UART2 TX to its RX. UART1 transmit "hello,Serial1", UART2 transmit "123", then receive their own data and print them out.
/*!
* @file dataTxAndRx.ino
* @brief Receive and transmit data via UART. Read the data sent by TX pin via pin RX.
* @n Experiment phenomenon: connect the TX to RX in Sub UART1 and UART2. Read the data sent by Sub UART and print it out.
*
* @copyright
Copyright (c) 2010 DFRobot Co.Ltd (https://www.dfrobot.com)
* @licence
The MIT License (MIT)
* @author [Arya](xue.peng@dfrobot.com)
* @version
V1.0
* @date
2019-07-28
* @get from https://www.dfrobot.com
* @url https://github.com/DFRobot/DFRobot_IICSerial
*/
#include <DFRobot_IICSerial.h>
/*DFRobot_IICSerial Constructor
*Parameter&wire
Wire
*Parameter subUartChannel sub UART channel, for selecting to operate UART1 or UART2
*@n Available parameter:
SUBUART_CHANNEL_1
SUBUART_CHANNEL_2
UART1
UART2
*Parameter IA1 corresponds with IA1 Level(0 or 1) of DIP switch on the module, and is used for configuring
* @n the IIC address of the 6th bit value(default: 1).
*Parameter IA0 corresponds with IA0 Level(0 or 1) of DIP switch on the module, and is used for configuring
* @n IIC address of the 5th bit value(default: 1).
* IIC address configuration:
* 7
6
5
4
3
2
1
0
* 0
IA1 IA0
1
0
C1
C0
0/1
*@n IIC address only has 7 bits, while there are 8 bits for one byte, so the extra one bit will be filled as 0.
*@n The 6th bit corresponds with IA1 Level of DIP switch, can be configured manually.
*@n The 5th bit corresponds with IA0 Level of DIP switch, can be configured manually.
*@n The 4th and 3rd bits are fixed
value 1 and 0 respectively



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com