Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0647 Datasheet(PDF) 1 Page - DFROBOT

Part # DFR0647
Description  Monochrome OLED Display
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0647 Datasheet(HTML) 1 Page - DFROBOT

  DFR0647 Datasheet HTML 1Page - DFROBOT DFR0647 Datasheet HTML 2Page - DFROBOT DFR0647 Datasheet HTML 3Page - DFROBOT DFR0647 Datasheet HTML 4Page - DFROBOT DFR0647 Datasheet HTML 5Page - DFROBOT DFR0647 Datasheet HTML 6Page - DFROBOT DFR0647 Datasheet HTML 7Page - DFROBOT DFR0647 Datasheet HTML 8Page - DFROBOT DFR0647 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2023/10/12 10:55
Monochrome OLED Display with Chip Pad
https://wiki.dfrobot.com/Monochrome 0.91”128x32 I2C OLED Display Chip Pad SKU: DFR0647
1/19
(https://www.dfrobot.com/product-2019.html?search=DFR0647&description=true)
Introduction
This OLED display module uses the SSD1306 drive chip, has 128x32 self-illuminating white pixels, and adopts the back chip-mounting pad
design. Small size, the length is 41mm and the width is only 12mm. With its small size, simple wiring and low power consumption, it can be
applied to many display applications, such as wearable display devices, Mini small game consoles, desktop widgets, etc.
The display module adopts a high-contrast, low-power OLED display. Full-screen lighting consumes approximately 25mA (3.3V) 25mA (5V)
and full-screen off power consumption: approx. 2mA (3.3V) 2mA (5V). It is compatible with controllers such as Arduino UNO, Leonardo,
ESP32/ESP8266, FireBettle-M0 and so on. Internal power-on reset processing, IIC communication methods and the chip-mounting pad, so
that your welding line will be more convenient and simpler. The module has an ultra-narrow PCB design that is more flexible to match more
applications.


Similar Part No. - DFR0647

ManufacturerPart #DatasheetDescription
logo
DFROBOT
DFR0645-R DFROBOT-DFR0645-R Datasheet
829Kb / 3P
Gravity: 4-Digital LED Segment Display
DFR0646-G DFROBOT-DFR0646-G Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0646-R DFROBOT-DFR0646-R Datasheet
746Kb / 5P
DFR0646-G, DFR0646-R
2-17-20
DFR0648 DFROBOT-DFR0648 Datasheet
226Kb / 2P
module adopts a high-contrast, low-power OLED display.
DFR0649 DFROBOT-DFR0649 Datasheet
1Mb / 28P
SKU:DFR0649
More results

Similar Description - DFR0647

ManufacturerPart #DatasheetDescription
logo
GREATECS
YOD1A GREATECS-YOD1A Datasheet
356Kb / 12P
64x48 Monochrome (0.66") OLED Switches
YOD2A GREATECS-YOD2A Datasheet
366Kb / 12P
64x48 Monochrome (0.66") OLED Switches Snap-In Type
logo
Newhaven Display Intern...
NHD-0216KZW-AB5 NEWHAVEN-NHD-0216KZW-AB5 Datasheet
568Kb / 21P
OLED Display Module
NHD-0216KZW-AY5 NEWHAVEN-NHD-0216KZW-AY5 Datasheet
568Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3 Datasheet
409Kb / 21P
OLED Display Module
NHD-2.8-25664UMY3 NEWHAVEN-NHD-2.8-25664UMY3_14 Datasheet
675Kb / 21P
OLED Display Module
logo
Crystalfontz America, I...
CFAL12864K-Y CRYSTAIFONTZ-CFAL12864K-Y Datasheet
493Kb / 11P
OLED DISPLAY MODULE
CFAL12896A0-0127-F CRYSTAIFONTZ-CFAL12896A0-0127-F Datasheet
850Kb / 20P
OLED DISPLAY MODULE
CFAL128128A0-015W CRYSTAIFONTZ-CFAL128128A0-015W Datasheet
443Kb / 13P
OLED DISPLAY MODULE
logo
NXP Semiconductors
MCVVQ111AFB NXP-MCVVQ111AFB Datasheet
240Kb / 18P
VirtuoVue Monochrome Video Display Driver
REV 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com