Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0647 Datasheet(PDF) 2 Page - DFROBOT

Part # DFR0647
Description  Monochrome OLED Display
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0647 Datasheet(HTML) 2 Page - DFROBOT

  DFR0647 Datasheet HTML 1Page - DFROBOT DFR0647 Datasheet HTML 2Page - DFROBOT DFR0647 Datasheet HTML 3Page - DFROBOT DFR0647 Datasheet HTML 4Page - DFROBOT DFR0647 Datasheet HTML 5Page - DFROBOT DFR0647 Datasheet HTML 6Page - DFROBOT DFR0647 Datasheet HTML 7Page - DFROBOT DFR0647 Datasheet HTML 8Page - DFROBOT DFR0647 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2023/10/12 10:55
Monochrome OLED Display with Chip Pad
https://wiki.dfrobot.com/Monochrome 0.91”128x32 I2C OLED Display Chip Pad SKU: DFR0647
2/19
NOTE: Turn the pixels off when you are not using the display to prevent the use of some pixels too long to darken them,
which will cause the brightness uniformity problem.
Features
Chip-mounting pad
Self-illuminating OLED display
Controllable pixels and low power consumption
Supports power-on reset
Specification
Operating voltage: 3.3V to 5V
Color: white pixels
Number of pixels: 128 columns x 32 rows
Interface: I2C
Drive chip: SSD1306
Brightness: 180 (Typ) cd/m2
Full-screen lighting power: approx. 25mA (3.3V) 25mA (5V); Full-screen off power consumption: approx. 2mA (3.3V) 2mA (5V)
Operating temperature: -30°C to 70°C
Display area: 22.38 x 5.58 mm / 0.88”x 0.22”
Mounting hole diameter: 2 mm
Size: 41x12 mm / 1.61”x 0.47”
Weight: 2.2 g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com