Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0649 Datasheet(PDF) 3 Page - DFROBOT

Part # DFR0649
Description  SKU:DFR0649
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0649 Datasheet(HTML) 3 Page - DFROBOT

  DFR0649 Datasheet HTML 1Page - DFROBOT DFR0649 Datasheet HTML 2Page - DFROBOT DFR0649 Datasheet HTML 3Page - DFROBOT DFR0649 Datasheet HTML 4Page - DFROBOT DFR0649 Datasheet HTML 5Page - DFROBOT DFR0649 Datasheet HTML 6Page - DFROBOT DFR0649 Datasheet HTML 7Page - DFROBOT DFR0649 Datasheet HTML 8Page - DFROBOT DFR0649 Datasheet HTML 9Page - DFROBOT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Num
Label
Description
1
VCC
Positive
2
GND
Negative
3
SCLK
Clock
4
MOSI
Data (Master send; Slave receive)
5
MISO
Data (Master receive; Slave send)
6
CS
Screen Chip Select
7
RES
Reset
8
DC
Data/Command
9
BL
Backlight
The backlight has been set to a default value, and can be turned on without connecting the backlight pin.
When the backlight pin is connected, input High level(1) to turn the backlight brightness to maximum; Input Low level to
turn off backlight.
10
SDCS
SD card chip select
Dimension Diagram
Dimension:44.00x39.00mm/1.73x1.54”
Mount Hole Pitch:40mm/35mm
Mount Hole Size:2.0mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com