Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0649 Datasheet(PDF) 28 Page - DFROBOT

Part # DFR0649
Description  SKU:DFR0649
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0649 Datasheet(HTML) 28 Page - DFROBOT

Back Button DFR0649 Datasheet HTML 20Page - DFROBOT DFR0649 Datasheet HTML 21Page - DFROBOT DFR0649 Datasheet HTML 22Page - DFROBOT DFR0649 Datasheet HTML 23Page - DFROBOT DFR0649 Datasheet HTML 24Page - DFROBOT DFR0649 Datasheet HTML 25Page - DFROBOT DFR0649 Datasheet HTML 26Page - DFROBOT DFR0649 Datasheet HTML 27Page - DFROBOT DFR0649 Datasheet HTML 28Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
MCU
OK
Failed
Untest
Remark
FireBeetle-ESP32
√
FireBeetle-ESP8266
√
Arduino Uno
√
Leonardo
√
Mega2560
√
Arduino M0
√
FAQ
Any questions to ask or interesting applications to share, please visist our forum (https://www.dfrobot.com/forum) or community
(https://community.dfrobot.com/).
More Documents
Schematics (https://github.com/DFRobot/Wiki/raw/master/DFR0649/240x240-LCD-Schematic.pdf)
Dimension Diagram (https://github.com/DFRobot/Wiki/raw/master/DFR0649/DFR0649-Dimensions.pdf)
Chip Datasheet (https://github.com/DFRobot/Wiki/raw/master/DFR0649/SPEC%20ZJY154T-PG04%20VER%20A.pdf)
Get 1.54" 240x240 IPS TFT LCD Display with MicroSD Card Breakout (https://www.dfrobot.com/product-2072.html) from DFRobot Store
or DFRobot Distributor. (https://www.dfrobot.com/index.php?route=information/distributorslogo)
Turn to the Top



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com