Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0654-F Datasheet(PDF) 5 Page - DFROBOT

Part # DFR0654-F
Description  FireBeetle 2 ESP32-E
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654-F Datasheet(HTML) 5 Page - DFROBOT

  DFR0654-F Datasheet HTML 1Page - DFROBOT DFR0654-F Datasheet HTML 2Page - DFROBOT DFR0654-F Datasheet HTML 3Page - DFROBOT DFR0654-F Datasheet HTML 4Page - DFROBOT DFR0654-F Datasheet HTML 5Page - DFROBOT DFR0654-F Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
• Wi-Fi Protocol: 802.11 b/g/n/d/e/i/k/r (802.11n,speed up to 150 Mbps),
A-MPDU and A-MSDU Aggregation, support 0.4us guard interval)
• Frequency Range: 2.4~2.5 GHz
• Bluetooth Protocol: Bluetooth v4.2 BR/EDR and BLE standard compliant
• Bluetooth Audio: CVSD and SBC audio
• Operating Current: 80mA(Average)
• Support Arduino download with one-key
• On-chip Clock: 40MHz crystal, 32.768KHz crystal
• Digital I/O x10(Arduino default)
• Analog Input x5(Arduino default)
• SPI x1(Arduino Default)
• IIC x1(Arduino Default)
• I2S x1(Arduino Default)
• RGB_LED: 5/D8
• Connector: FireBeetle V2 series compatible
• Operating Temperature: -40 ~+85
• Module Size: 25.4×60mm/1×2.36”
• Mount Hole Size: inner diameter of 2.0mm
PROJECTS
Project 1. Make a Home-made Network Clock with ESP32-E
Introduction: This production will be very simple, getting the time from the
internet via the wifi of the ESP32, and then you need to find a screen that
displays the time. There are many options for the screen, LCD1602 or LED
monochrome dot matrix for splicing. I accidentally saw a VFD fluorescent
screen before, it was green-blue when it was lit, and it glowed with white light,
which makes the whole screen a mottled beauty. So, I am going to use it here.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com