Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFR0654-F Datasheet(PDF) 6 Page - DFROBOT

Part # DFR0654-F
Description  FireBeetle 2 ESP32-E
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0654-F Datasheet(HTML) 6 Page - DFROBOT

  DFR0654-F Datasheet HTML 1Page - DFROBOT DFR0654-F Datasheet HTML 2Page - DFROBOT DFR0654-F Datasheet HTML 3Page - DFROBOT DFR0654-F Datasheet HTML 4Page - DFROBOT DFR0654-F Datasheet HTML 5Page - DFROBOT DFR0654-F Datasheet HTML 6Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Project 2. DIY 3D Printed IoT Weather Station Using an ESP32
Introduction: Today we’re going to be building a wireless outdoor weather
station that takes temperature, humidity, barometric pressure, light and wind
speed readings, and uses WiFi to post the data to the cloud which can then be
accessed through a Thingspeak dashboard.
Project 3. Smart Compost Bin Monitoring System -Based on 4G IoT and
SHT20
Introduction:
The other day my friend asked me to help him remake his compost bin, he
wants a device that allows him to remotely get the real-time temperature and
humidity inside. So I add some electronic parts on it.
DOCUMENTS
• Product wiki
SHIPPING LIST
• FireBeetle 2 Board ESP32-E with Header x1
• 18pin-2.54mm Pitch Pin x1
• 18pin-2.54mm Pitch Pin Female x1
• 14pin-2.54mm Pitch Pin x1
• 14pin-2.54mm Pitch Pin Female x1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com