Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT823LSDI-G Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT823LSDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT823LSDI-G Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT823LSDI-G Datasheet HTML 1Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 2Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT823, CAT824, CAT825
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-3027, Rev. B
Characteristics subject to change without notice
ELECTRICAL OPERATING CHARACTERISTICS (continued)
DC Characteristics: VCC = 3.0V to 5.5V for L/M versions; VCC = 2.0V to 3.6V for the R/S/T/Y/Z version,
-40ºC ≤ TA ≤ +85ºC unless otherwise noted. Typical Values at TA = 25ºC and VCC = 5V for L/M versions;
VCC = 3.3V for the T/S versions; VCC = 3.0V for the R version; and VCC = 2.5V for the Y/Z versions.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
WATCHDOG INPUT (CAT823 & CAT824)
tWD
Watchdog Timeout Period
1.12
1.60
3.20
s
tWDI
WDI Pulse Width
VIL = 0.4V, VIH = 0.8 x VCC
50
ns
VIL
0.3 x VCC
VIH
WDI Input Voltage
(3)
0.7 x VCC
V
WDI = VCC, Time Average
120
160
WDI Input Current
(4)
WDI = 0V, Time Average
-20
-15
µA
MANUAL RESET INPUT(CAT823 & CAT825)
VIL
0.3 x VCC
VIH
MR
¯¯¯ Input Voltage
0.7 x VCC
V
tPB
MR
¯¯¯ Pulse Width
1
µs
tPDLY
MR
¯¯¯ low to Reset Delay
5
µs
MR
¯¯¯ Noise Immunity
Pulse Width with No Reset
100
ns
MR
¯¯¯ Pullup Resistance (internal)
35
52
75
kΩ
Notes:
(3) WDI is internally serviced within the watchdog period if WDI is left open.
(4) The WDI input current is specified as an average input current when the WDI input is driven high or low. The WDI input if connected to a
three-stated output device can be disabled in the tristate mode as long as the leakage current is less than 10µA and a maximum
capacitance of less than 200pF. To clock the WDI input in the active mode the drive device must be able to source or sink at least 200µA
when active.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com