Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CAT823LSDI-G Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT823LSDI-G
Description  System Supervisory Voltage Reset with Watchdog and Manual Reset
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT823LSDI-G Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT823LSDI-G Datasheet HTML 3Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 4Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 5Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 6Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 7Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 8Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 9Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 10Page - Catalyst Semiconductor CAT823LSDI-G Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT823, CAT824, CAT825
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-3027, Rev. B
Characteristics subject to change without notice
FUNCTIONAL DESCRIPTION
PROCESSOR RESET
The
CAT823-825
detect
supply
voltage
(VCC)
conditions that are below the specified voltage trip
value (VRST) and provide a reset output to maintain
correct system operation. On power-up, RESET
¯¯¯¯¯¯ (and
RESET if available) are kept active for a minimum
delay tRP of 140ms after the supply voltage (VCC) rises
above VRST to allow the power supply and processor
to stabilize. When VCC drops below the voltage trip
value (VRST), the reset output signals RESET
¯¯¯¯¯¯ (and
RESET) are pulled active. RESET
¯¯¯¯¯¯ (and RESET if
available) is specifically designed to provide the reset
input signals for processors. This provides reliable
and consistent operation as power is turned on, off or
during brownout conditions by maintaining the
processor operation in known conditions.
MANUAL RESET
The CAT823 and CAT825 each have a Manual Reset
(MR
¯¯¯) input to allow for alternative control of the reset
outputs. The MR
¯¯¯ input is designed for direct con-
nection to a pushbutton (see Figure 1). The MR
¯¯¯ input
is internally pulled up by 52kΩ resistor and must be
pulled low to cause the reset outputs to go active.
Internally, this input is debounced and timed such that
RESET
¯¯¯¯¯¯ (and RESET) signals of at least 140ms
minimum will be generated. The min 140ms tRP delay
commences as the Manual Reset input is released
from the low level. (see Figure 2)
Figure 1. Pushbutton RESET
Figure 2. Timing Diagram – Pushbutton RESET
VIL
VIH
VOH
tRP
tPDLY
tPB
VOL
RESET
RESET
MR
RESET
CAT825
VCC
RESET
GND
MR
Supply
Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com